Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 36 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 36 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 32Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 33Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 34Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 35Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 36Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 37Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 38Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 39Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 40Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 377 page
background image
T1_PIN_IE :
When set and the associated-Timer1 interrupt control registers is configured correctly, the T1 pin
(P3.5) is enabled to wake up MCU from power-down state.
T0_PIN_IE :
When set and the associated-Timer0 interrupt control registers is configured correctly, the T1 pin
(P3.4) is enabled to wake up MCU from power-down state.
T1CKLO :
When set, P1.1 is enabled to be the clock output of Timer 1. The clock rate is Timer 1overflow rate
divided by 2.
T0CKLO :
When set, P1.0 is enabled to be the clock output of Timer 0. The clock rate is Timer 0overflow rate
divided by 2.
2.1.4.1 Timer 0 Programmable Clock-out on P1.0
Timer/Counter 0 Mode 2: 8-Bit Auto-Reload
SYSclk
control
C/T=0
C/T=1
T0 Pin
TR0
GATE
INT0
AUXR.7/T0x12=0
AUXR.7/T0x12=1
TL0
(8 Bits)
TH0
(8 Bits)
÷12
÷1
Interrupt
TF0
Toggle
T0CLKO
P1.0
CLKOUT0
STC12C5620AD is able to generate a programmable clock output on P1.0. When T0CLKO/
WAKE_CLKO.0 bit in WAKE_CLKO SFR is set, T0 timer overflow pulse will toggle P1.0 latch to
generate a 50% duty clock. The frequency of clock-out = T0 overflow rate/2.
If C/T(TMOD.2) = 0, Timer/Counter 0 is set for Timer operation (input from internal system clock), the
Frequency of clock-out is as following :
(SYSclk) / (256 – TH0) / 2,
when AUXR.7 / T0x12=1
or
(SYSclk / 12) / (256 – TH0) / 2 ,
when AUXR.7 / T0x12=0
If C/T (TMOD.2) = 1, Timer/Counter 0 is set for Conter operation (input from external P3.4/T0 pin), the
Frequency of clock-out is as following :
T0_Pin_CLK / (256-TH0) / 2
2. WAKE_CLKO: CLK_Output Power down Wake-up control register (Non bit-Addressable)
SFR name Address bit
B7
B6
B5
B4
B3
B2
B1
B0
WAKE_CLKO
8FH
name PCAWAKEUP RXD_PIN_IE T1_PIN_IE T0_PIN_IE
-
-
T1CLKO T0CLKO
PCAWAKEUP: When set and the associated-PCA interrupt control registers is configured correctly, the CEXn pin
of PCA function is enabled to wake up MCU from power-down state.
RXD_PIN_IE: When set and the associated-UART interrupt control registers is configured correctly, the RXD
pin (P3.0) is enabled to wake up MCU from power-down state.
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com