Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 82 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 82 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 82Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 83Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 84Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 85Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 86Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 377 page
background image
Chapter 5. Instruction System
Register-Specific Instruction
Some instructions are specific to a certain register. For example, some instructions always operate on the
accumulator or data pointer,etc. No address byte is needed for such instructions. The opcode itself does it.
Index Addressing
Only program memory can be accessed with indexed addressing and it can only be read. This addressing mode is
intended for reading look-up tables in program memory. A 16-bit base register(either DPTR or PC) points to the
base
of the table, and the accumulator is set up with the table entry number. Another type of indexed
addressing is used in the conditional jump instruction.
In conditional jump, the destination address is computed as the sum of the base pointer and the
accumulator.
5.1 Addressing Modes
Addressing modes are an integral part of each computer's instruction set. They allow specifyng the source or
destination of data in different ways, depending on the programming situation. There are five modes available:
Immediate
Direct
Indirect
Register
Indexed
Immediate Constant(IMM)
The value of a constant can follow the opcode in the program memory. For example,
MOV
A, #70H
loads the Accumulator with the hex digits 70. The same number could be specified in decimal number as 112.
Direct Addressing(DIR)
In direct addressing the operand is specified by an 8-bit address field in the instruction. Only 128 lowest bytes of
internal data RAM and SFRs can be direct addressed.
Indirect Addressing(IND)
In indirect addressing the instruction specified a register which contains the address of the operand. Both internal
and external RAM can be indirectly addressed.
The address register for 8-bit addresses can be R0 or R1 of the selected bank, or the Stack Pointer.
The address register for 16-bit addresses can only be the 16-bit data pointer register – DPTR.
Register Instruction(REG)
The register banks, containing registers R0 through R7, can be accessed by certain instructions which carry a 3-bit
register specification within the opcode of the instruction. Instructions that access the registers this way are code
efficient because this mode eliminates the need of an extra address byte. When such instruction is executed, one
of the eight registers in the selected bank is accessed.
•
•
•
•
•
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com