Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 48 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 48 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 44Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 45Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 46Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 47Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 48Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 49Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 50Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 51Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 52Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 377 page
background image
2.3.3 Power-On Reset (POR)
When VCC drops below the detection threshold of POR circuit, all of the logic circuits are reset.
When VCC goes back up again, an internal reset is released automatically after a delay of 32768 clocks. The
nominal POR detection threshold is around 1.9V for 3V device and 3.3V for 5V device.
The Power-On flag, POF/PCON.4, is set by hardware to denote the VCC power has ever been less than the POR
voltage. And, it helps users to check if the start of running of the CPU is from power-on or from hardware reset
(RST-pin reset), software reset or Watchdog Timer reset. The POF bit should be cleared by software.
2.3.4 MAX810 power-on-Reset delay
There is another on-chip POR delay circuit s integrated on STC12C5620AD. This circuit is MAX810—sepcial
reset circuit and is controlled by configuring STC-ISP Writter/Programmer shown in the next figure. MAX810
special reset circuit just add 200mS extra reset-delay-time after power-up reset. So it is another power-on reset.
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com