Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5604 Datasheet(PDF) 41 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5604
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5604 Datasheet(HTML) 41 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5604 Datasheet HTML 37Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 38Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 39Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 40Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 41Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 42Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 43Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 44Page - STCmicro Technology Co,.Ltd STC12LE5604 Datasheet HTML 45Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 377 page
background image
2.2.3 Stop / Power Down (PD) Mode and Demo Program (C and ASM)
An instruction that sets PD/PCON.1 cause that to be the last instruction executed before going into the Power-
Down mode. In the Power-Down mode, the on-chip oscillator and the Flash memory are stopped in order to
minimize power consumption. Only the power-on circuitry will continue to draw power during Power-Down.
The contents of on-chip RAM and SFRs are maintained. The power-down mode can be woken-up by RESET
pin, external interrupt INT0 ~ INT1, RXD pin, T0 pin, T1 pin and PCA input pins—PWM pins and PWM pins.
When it is woken-up by RESET, the program will execute from the address 0x0000. Be carefully to keep RESET
pin active for at least 10ms in order for a stable clock. If it is woken-up from I/O, the CPU will rework through
jumping to related interrupt service routine. Before the CPU rework, the clock is blocked and counted until 32768
in order for denouncing the unstable clock. To use I/O wake-up, interrupt-related registers have to be enabled
and programmed accurately before power-down is entered. Pay attention to have at least one “NOP” instruction
subsequent to the power-down instruction if I/O wake-up is used. When terminating Power-down by an interrupt,
the wake up period is internally timed. At the negative edge on the interrupt pin, Power-Down is exited, the
oscillator is restarted, and an internal timer begins counting. The internal clock will be allowed to propagate and
the CPU will not resume execution until after the timer has reached internal counter full. After the timeout period,
the interrupt service routine will begin. To prevent the interrupt from re-triggering, the interrupt service routine
should disable the interrupt before returning. The interrupt pin should be held low until the device has timed out
and begun executing. The user should not attempt to enter (or re-enter) the power-down mode for a minimum of 4
us until after one of the following conditions has occured: Start of code execution(after any type of reset), or Exit
from power-down mode.
I/O
INTx
0.1uF
5MΩ
The following circuit can timing wake up MCU from power down mode when external interrupt sources do not
exist
Operation step:
1. I/O ports are first configured to push-pull output(strong pull-up) mode
2. Writen 1s into ports I/O ports
3. the above circuit will charge the capacitor C1
4. Writen 0s into ports I/O ports, MCU will go into power-down mode
5. The above circuit will discharge. When the electricity of capacitor C1 has been discharged less than
0.8V, external interrupt INTx pin will generate a falling edge and wake up MCU from power-down
mode automatically.
300Ω
R1
C1
I
I
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com