Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 2Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 3Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 4Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 5Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 6Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 7Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 8Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 9Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6.7 Electrical Characteristics - TLV3011-EP
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Offset Voltage
VOS
Input offset voltage
VCM = 0 V, IO = 0 V
0.5
15
mV
dVOS/dT
Input offset voltage vs temperature
TA = –55°C to 125°C
±12
μV/°C
PSRR
Power supply rejection ratio
VS = 1.8 V to 5.5 V
100
1000
μV/V
Input Bias Current
IS
Input bias current
VCM = VS/2
±10
pA
IOS
Input offset current
VCM = VS/2
±10
pA
Input Voltage Range
VCM
Common-mode voltage range
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode rejection ratio
VCM = –0.2 V to (V+) – 1.5 V
60
74
dB
VCM = –0.2 V to (V+) + 0.2 V
54
62
Input Impedance
Common mode
1013
∥ 2
Ω
∥ pF
Differential
1013
∥ 4
Ω
∥ pF
Switching Characteristics
tpd
Propagation delay time
Low to high
f = 10 kHz, VSTEP = 1 V,
input overdrive = 10 mV
12
μs
f = 10 kHz, VSTEP = 1 V,
input overdrive = 100 mV
6
High to low
f = 10 kHz, VSTEP = 1 V,
input overdrive = 10 mV
13.5
f = 10 kHz, VSTEP = 1 V,
input overdrive = 100 mV
6.5
tr
Rise time
CL = 10 pF
(1)
tf
Fall time
CL = 10 pF
100
ns
Output
VOL
Voltage output low from rail
VS = 5 V
160
200
mV
Voltage Reference
VOUT
Output voltage
1.208
1.242
1.276
V
Initial accuracy
±1%
dVOUT/dT
Temperature drift
–55°C ≤ TA ≤ 125°C
40
100
ppm/°C
dVOUT/dILOAD
Load regulation
Sourcing
0 mA < ISOURCE ≤ 0.5 mA
0.36
1
mV/mA
Sinking
0 mA < ISINK ≤ 0.5 mA
6.6
ILOAD
Output current
0.5
mA
dVOUT/dVIN
Line regulation
1.8 V ≤ VIN ≤ 5.5 V
10
100
μV/V
Noise
Reference voltage noise
f = 0.1 Hz to 10 Hz
0.2
mVPP
Power Supply
VS
Specified voltage
1.8
5.5
V
Operating voltage range
1.8
5.5
V
IQ
Quiescent current
VS = 5 V, VO = High
2.8
5
μA
(1)
tr dependent on RPULLUP and CLOAD.
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-EP TLV3012-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com