Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 19Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 20Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 21Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 22Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 23Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 24Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 25Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 26Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
8.3 Power Supply Recommendations
The TLV3012x-EP has a recommended operating voltage range (VS) of 1.8 V to 5.5 V. VS is defined as (V+) –
(V-).
Therefore, the supply voltages used to create VS can be single-ended or bipolar. For example, single-ended
supply voltages of 5 V and 0 V and bipolar supply voltages of +2.5 V and –2.5 V create comparable operating
voltages for VS.
However, when bipolar supply voltages are used, it is important to realize that the reference (REF) and logic low
level of the comparator output is referenced to (V-). Output capacitive loading and output toggle rate will cause
the average supply current to rise over the quiescent current in the EC Table.
8.4 Layout
8.4.1 Layout Guidelines
To minimize supply noise, power supplies should be capacitively decoupled by a 0.1-μF ceramic capacitor.
Comparators are sensitive to input noise and precautions such as proper grounding (use of ground plane),
supply bypassing, and guarding of high-impedance nodes minimize the effects of noise and help to ensure
specified performance.
8.4.2 Layout Example
V-
V+
REF
IN-
IN+
GND
OUT
VIN
V
S
GND
GND
OUT
C1
R1
R2
SOT-23
Figure 8-5. Layout Example
www.ti.com
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLV3011-EP TLV3012-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com