Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 14Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 15Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 16Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 17Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 18Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 19Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 20Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 21Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
7 Detailed Description
7.1 Overview
The TLV301x-EP is a MicroPower comparator with an integrated reference that is well suited for compact,
low-current, precision voltage detection applications. With a high-accuracy, internal reference of 1.242 V and 5
uA of quiescent current, the TLV301x-EP enables power conscious systems to monitor and respond quickly to
fault conditions.
7.2 Functional Block Diagram
IN-
REF
IN+
OUT
V+
V-
1.242V
Reference
+
7.3 Feature Description
The TLV301x-EP is comprised of a rail-to-rail input comparator with open-drain or push-pull output options and a
voltage reference that is externally available.
7.4 Device Functional Modes
The TLV3011-EP requires an operating voltage between 1.8 V and 5.5 V for the comparator output to reflect the
voltage applied to the inputs. Similarly, the reference output (REF) will also be valid over the same operating
voltage range.
7.4.1 Open Drain Output (TLV3011-EP)
The TLV3011-EP features an Open-Drain (sinking only) output that allows multiple devices to be driven by a
single pull-up resistor to accomplish an OR function, making the TLV3011-EP useful for logic applications. The
value of the pull-up resistor and supply voltage used will affect current consumption due to additional current
drawn when the output is in a low state. This effect can be seen in the typical curve Quiescent Current vs Output
Switching Frequency.
The pull-up voltage should NOT exceed the V+ suppply.
7.4.2 Push Pull Output (TLV3012-EP)
The TLV3012-EP has a "Push-Pull" output capable of both sinking and sourcing current. The push-pull output
stage is optimal for reduced power budget applications by eliminating the need for a pull-up resistor and features
no shoot-through current.
Do not tie push-pull outputs together.
7.4.3 Voltage Reference
The TLV301x-EP requires an operating voltage between 1.8 V and 5.5 V for the comparator output to reflect the
voltage applied to the inputs. Similarly, the reference output (REF) will also be valid over the same operating
voltage range.
The integrated 1.242-V voltage reference offers low 100-ppm/°C (maximum) drift provided on a seporate output
pin that allows use of external dividers or to provide a reference voltage for other external circuitry. The reference
is stable with up to a 10-nF capacitive load and can sink or source up to 500µA (typical) of output current.
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-EP TLV3012-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com