Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 3Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 4Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 5Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 6Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 7Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 8Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 9Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 10Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
6.8 Electrical Characteristics - TLV3012-EP
For VS (TOTAL SUPPLY VOLTAGE) = (V+) – (V–) = 1.8V and 5.5V, VCM = VS /2 at TA = 25°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset
voltage
VCM = (V–)
–6
±0.3
6
mV
VOS
Input offset
voltage
VCM = (V–)
TA = –55°C to +125°C
–9
9
mV
dVIO/dT
Input offset
voltage drift
VCM = (V–)
TA = –55°C to +125°C
±12
µV/°C
PSRR
power supply
rejection ratio
VCM = (V–)
VS = 1.65 V to 5.5 V
TA = –55°C to +125°C
100
1000
µV/V
VHYS
Input hysteresis
voltage
TA = –55°C to +125°C
2
6
8
mV
INPUT BIAS CURRENT
IB
Input bias current
VCM = VS /2
–10(1)
±4.5
10(1)
pA
IOS
Input offset current VCM = VS /2
–10(1)
±1
10(1)
pA
INPUT COMMON MODE RANGE
VCM-Range
Common-mode
voltage range
VS = 1.8 V to 5.5 V
TA = –55°C to +125°C
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common mode
rejection ratio
VCM = (V–) + 1.5V to (V+) + 0.2V
TA = –55°C to +125°C
60
74
dB
CMRR
Common mode
rejection ratio
VCM = (V–) - 0.2V to (V+) + 0.2V
TA = –55°C to +125°C
54
62
dB
RCM
Input Common
Mode Resistance
1013
Ω
CIC
Input Common
Mode Capacitance
2
pF
INPUT IMPEDANCE
RDM
Input Differential
Mode Resistance
1013
Ω
CID
Input Differential
Mode
Capacitance
4
pF
OUTPUT
VOL
Voltage swing
from (V–)
VS = 5 V
ISINK = 5 mA
TA = –55°C to +125°C
160
200
mV
VOH
Voltage swing
from (V+)
VS = 5 V
ISOURCE = 5 mA
TA = –55°C to +125°C
90
200
mV
VOLTAGE REFERENCE
VOUT
Reference Voltage
1.223
1.242
1.260
V
Accuracy
±0.25%
±1.5%
dVOUT/dT
Temperature Drift
TA = –55°C to +125°C
40
100
ppm/
℃
dVOUT/
dILOAD
Load Regulation,
Sourcing
0 mA < ISOURCE ≤ 0.5 mA
0.36
1(1)
mV/mA
Load Regulation,
Sinking
0 mA < ISINK ≤ 0.5 mA
6.6
mV/mA
ILOAD
Output Current
0.5
mA
dVOUT/dVS
Line Regulation
1.65 V ≤ VS ≤ 5.5 V
10
100(1)
µV/V
Vnoise
Noise
f = 0.1 Hz to 10 Hz
0.2
mVPP
www.ti.com
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV3011-EP TLV3012-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com