Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 1 Page - Texas Instruments

  TLV3011AMDBVREP Datasheet HTML 1Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 2Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 3Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 4Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 5Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 6Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 7Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 8Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With
Integrated 1.24V Voltage Reference
1 Features
• VID V62/07604-01XE (TLV3011-EP)
• VID V62/23603-01XE (TLV3012-EP)
• Controlled baseline
– One assembly - test site
– One fabrication site
– Extended product life cycle
• Enhanced diminishing manufacturing sources
(DMS) support
• Extended temperature range of –55°C to 125°C
• Low quiescent current: 3.1 μA (maximum)
• Integrated series voltage reference: 1.242 V
• Input common-mode range: 200 mV beyond rails
• Voltage reference initial accuracy: 1%
• Open-drain output (TLV3011-EP)
• Push-pull output (TLV3012-EP)
• Interated hysteresis (TLV3012-EP Only)
• Fail-safe inputs (TLV3012-EP Only)
• Power on reset (TLV3012-EP Only)
• Supply range: 1.65 V to 5.5 V (TLV3012-EP Only)
• Fast response time: 2 μs
• Microsize package: SOT-23-6
2 Applications
• Battery-powered level detection
• Data acquisition
• System monitoring
• Oscillators
• Sensor systems
3 Description
The TLV3011-EP is a low-power, open-drain output
comparator; the TLV3012-EP is a push-pull output
comparator. Both devices feature an uncommitted
onchip voltage reference and have a 3.1 μA
(maximum) quiescent current, an input common-mode
range 200 mV beyond the supply rails, and single-
supply operation from 1.65 V to 5.5 V.
The integrated 1.242-V series voltage reference offers
low 100-ppm/°C (maximum) drift, is stable with up to
10-nF capacitive load, and can sink or source up to
0.5 mA (typical) of output current that allows driving
external circuitry.
The TLV3011-EP and TLV3012-EP are available in
the tiny SOT-23-6 package for constrained-space
designs. The devices are specified for the extended
temperature range of –55°C to 125°C.
Table 3-1. Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TLV3011-EP,
TLV3012-EP
SOT-23 (6)
2.90 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Reference Voltage (V)
1.230
1.235
1.240
1.245
1.250
0
500
1000
1500
2000
2500
3000
9860 Units
VS = 5.5V
No Load
TLV3012-EP Reference Voltage Distribution
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
1.235
1.236
1.237
1.238
1.239
1.240
1.241
1.242
1.243
1.244
1.245
No Load
1.8 V
3.3 V
5 V
TLV3012-EP Reference Voltage vs Temperature
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV3011AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011AMDBVREP TI1-TLV3011AMDBVREP Datasheet
514Kb / 18P
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3011AMDBVREP TI1-TLV3011AMDBVREP Datasheet
853Kb / 19P
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
More results

Similar Description - TLV3011AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426MREP INTERSIL-ISL65426MREP Datasheet
67Kb / 3P
Enhanced Product (EP) 6.0A Dual Synchronous Buck Regulator with Integrated MOSFETs
October 29, 2007
logo
Texas Instruments
TLV3011-Q1 TI-TLV3011-Q1 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-Q1 TI-TLV3011-Q1_V01 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-Q1 TI-TLV3011-Q1_V02 Datasheet
1Mb / 39P
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TLV3011 TI-TLV3011_V01 Datasheet
1Mb / 40P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
SN74LV2T74-EP TI-SN74LV2T74-EP Datasheet
997Kb / 21P
SN74LV2T74-EP Enhanced Product, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN74LV3T97-EP TI-SN74LV3T97-EP Datasheet
953Kb / 21P
SN74LV3T97-EP Enhanced Product, Configurable Multiple-Function Gate
NOVEMBER 2023
SN74LV4T00-EP TI-SN74LV4T00-EP Datasheet
942Kb / 18P
SN74LV4T00-EP Enhanced Product, Quadruple 2-Input Positive-NAND Gates With Integrated Translation
NOVEMBER 2023
SN74LV2T74-EP TI1-SN74LV2T74-EP_V01 Datasheet
1Mb / 25P
SN74LV2T74-EP Enhanced Product, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN74LV3T97-EP TI1-SN74LV3T97-EP_V01 Datasheet
1Mb / 26P
SN74LV3T97-EP Enhanced Product, Configurable Multiple-Function Gate
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com