Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 13Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 14Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 15Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 16Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 17Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 18Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 19Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 20Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
6.11 Typical Characteristics - TLV3012-EP (continued)
For VS (Total Supply Voltage) = (V+) – (V–) = +5V, VCM = VS /2 at TA = 25°C , RPULLUP = 1MΩ to V+, CL = 15pF, VOD =
100mV unless otherwise noted.
Common Mode Voltage (V)
-0.2
0.4
1
1.6
2.2
2.8
3.4
4
4.6
5.2
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
2.50
3.00
VS = 5V, TA = 25°C
7 Individual Units
Figure 6-48. Offset Voltage vs. Common Mode Voltage, 5 V
Supply Voltage (V)
1.5
2.1
2.7
3.3
3.9
4.5
5.1
5.5
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
2.50
3.00
VS = 5V, TA = 125°C
7 Individual Units
Figure 6-49. Offset Voltage vs. Supply Voltage, 125°C
Supply Voltage (V)
1.5
2.1
2.7
3.3
3.9
4.5
5.1
5.5
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
2.50
3.00
VS = 5V, TA = 25°C
7 Individual Units
Figure 6-50. Offset Voltage vs. Supply Voltage, 25°C
Figure 6-51. Offset Voltage vs. Supply Voltage, -55°C
www.ti.com
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV3011-EP TLV3012-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com