Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 10Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 11Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 12Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 13Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 14Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 15Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 16Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 17Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
6.11 Typical Characteristics - TLV3012-EP (continued)
For VS (Total Supply Voltage) = (V+) – (V–) = +5V, VCM = VS /2 at TA = 25°C , RPULLUP = 1MΩ to V+, CL = 15pF, VOD =
100mV unless otherwise noted.
Overdrive (mV)
5 6 7 8 10
20
30 40 50 70 100
200 300
500
0.5
0.7
1
2
3
4
5
7
10
1.8V
3.3V
5V
Figure 6-30. Low to High Propagation Delay vs. Overdrive
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
1
1.2
1.4
1.6
1.8
VOD = 100mV
5V
3.3V
1.8V
Figure 6-31. High to Low Propagation Delay vs. Temperature
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
1
1.2
1.4
1.6
1.8
VOD = 100mV
5V
3.3V
1.8V
Figure 6-32. Low to High Propagation Delay vs. Temperature
Temperature (°C)
-55
-35
-15
5
25
45
65
85
105
125
1.235
1.236
1.237
1.238
1.239
1.240
1.241
1.242
1.243
1.244
1.245
No Load
1.8 V
3.3 V
5 V
Figure 6-33. Reference Voltage vs. Temperature
Refernce Output Sourcing Current (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.2390
1.2391
1.2392
1.2393
1.2394
1.2395
1.2396
1.2397
1.2398
1.2399
1.2400
1.8 V
3.3 V
5 V
Figure 6-34. Reference Voltage vs. Reference Output Sourcing
Current
Refernce Output Sinking Current (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.2400
1.2401
1.2402
1.2403
1.2404
1.2405
1.2406
1.2407
1.2408
1.2409
1.2410
1.8 V
3.3 V
5 V
Figure 6-35. Reference Voltage vs. Reference Output Sinking
Current
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-EP TLV3012-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com