Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 16Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 17Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 18Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 19Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 20Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 21Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 22Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 23Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TLV301x-EP comparator family with on-chip 1.242-V series reference with the choice of either open-drain or
push-pull output stages.
A typical supply current of 2.8 μA and small packaging combine with 1.8-V supply requirements to make the
TLV301x-EP devices optimal for battery and portable designs.
Figure 8-1 shows the typical connections for the TLV301x-EP device.
V
IN–
V
IN+
V
OUT
0.01 µF
10 µF
R
PULLUP
(1)
10 kΩ
V+
4
3
5
REF
2
V-
1
6
TLV301x
(1) Use R
with the TLV3011 only.
PULLUP
Figure 8-1. Basic Connections of the TLV301x-EP
8.1.1 External Hysteresis
Comparator inputs have no noise immunity within the range of specified offset voltage (±12 mV). For noisy
input signals, the comparator output may display multiple switching as input signals move through the switching
threshold. The typical comparator threshold of the TLV301x-EP is ±0.5 mV. To prevent multiple switching within
the comparason threshold of the comparator, external hysteresis may be added by connecting a small amount
of feedback to the positive input. Figure 8-2 shows a typical topology used to introduce hysteresis, described by
this equation:
V
=
HYST
V+ × R1
R1 + R2
TLV301x
V
IN
V
OUT
R
PULLUP
(1)
V+
5 V
V
REF
R
1
39 kΩ
R2
560 kΩ
REF
V
= 0.38 V
HYST
(1) Use R
with the TLV3011 only.
PULLUP
–
+
Figure 8-2. Adding Hysteresis
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-EP TLV3012-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com