Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 18Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 19Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 20Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 21Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 22Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 23Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 24Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 25Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
(2)
For the specific undervoltage detection of 2.0 V using the TLV3012-Q1, the following results are calculated.
(3)
where:
• R2 is set to 1 MΩ
• VBAT is set to 2.0 V
• VREF is set to1.242 V
Choose RTOTAL (R1 + R2) such that the current through the divider is at least 100 times higher than the input bias
current (IBIAS). The resistors can have high values to minimize current consumption in the circuit without adding
significant error to the resistive divider.
8.2.1.3 Application Performance Plots
T
Time (s)
1.30
1.45
1.60
1.75
1.90
2.05
2.20
IN
0.00
2.00
VBAT
0.00
3.30
Vout
3.30
1.242
2.00
OUT (V)
IN+ (V)
VBAT (V)
Time (s)
0.00
Figure 8-4.
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-EP TLV3012-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com