Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 2 Page - Texas Instruments

  TLV3011AMDBVREP Datasheet HTML 1Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 2Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 3Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 4Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 5Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 6Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 7Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 8Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings - TLV3011-EP................. 4
6.2 Absolute Maximum Ratings - TLV3012-EP ................4
6.3 ESD Ratings............................................................... 4
6.4 Thermal Resistance Characteristics........................... 5
6.5 Recommended Operating Conditions - TLV3011-
EP..................................................................................5
6.6 Recommended Operating Conditions -
TLV3012-EP ................................................................. 5
6.7 Electrical Characteristics - TLV3011-EP..................... 6
6.8 Electrical Characteristics - TLV3012-EP .................... 7
6.9 Switching Characteristics - TLV3012-EP ................... 8
6.10 Typical Characteristics - TLV3011-EP.......................9
6.11 Typical Characteristics - TLV3012-EP.....................12
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................18
7.4 Device Functional Modes..........................................18
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Application.................................................... 21
8.3 Power Supply Recommendations.............................23
8.4 Layout....................................................................... 23
9 Device and Documentation Support............................24
9.1 Receiving Notification of Documentation Updates....24
9.2 Support Resources................................................... 24
9.3 Trademarks...............................................................24
9.4 Electrostatic Discharge Caution................................24
9.5 Glossary....................................................................24
10 Mechanical, Packaging, and Orderable
Information.................................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (October 2006) to Revision A (May 2023)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added TLV3012-EP device.................................................................................................................................1
• Updated Features, Description and Device Information table for new device....................................................1
• Added TLV3012-EP Electircal Characteristics Tables........................................................................................ 4
• Added TLV3012-EP Typical Characteristics graphs......................................................................................... 12
• Updated Detailed Description section...............................................................................................................18
TLV3011-EP, TLV3012-EP
SGLS349A – OCTOBER 2006 – REVISED MAY 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-EP TLV3012-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com