Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386LE Datasheet(PDF) 7 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 7 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 3Page - Intel Corporation LXT386LE Datasheet HTML 4Page - Intel Corporation LXT386LE Datasheet HTML 5Page - Intel Corporation LXT386LE Datasheet HTML 6Page - Intel Corporation LXT386LE Datasheet HTML 7Page - Intel Corporation LXT386LE Datasheet HTML 8Page - Intel Corporation LXT386LE Datasheet HTML 9Page - Intel Corporation LXT386LE Datasheet HTML 10Page - Intel Corporation LXT386LE Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
7
1.0
Features
• Single rail 3.3V supply with 5V tolerant inputs
• Low power consumption of 150mW per channel (typical)
• Superior crystal-less jitter attenuator
— Meets ETSI CTR12/13, ITU G.736, G.742, G.823 and AT&T Pub 62411 specifications
— Optimized for SONET/SDH applications, meets ITU G.783 mapping jitter specification
— Constant throughput delay jitter attenuator
• Hitless Protection Switching (HPS) for 1 to 1 protection without relays
• HDB3, B8ZS, or AMI line encoder/decoder
• Provides protected monitoring points per ITU G.772
• Analog/digital and remote loopback testing functions
• LOS per ITU G.775, ETS 300 233 and T1.231
• 8 bit parallel or 4 wire serial control interface
• Hardware and Software control modes
• JTAG Boundary Scan test port per IEEE 1149.1
• 160 PBGA and 100 pin LQFP packages
Figure 1. LXT386 Block Diagram
HARDWARE / SOFTWARE CONTROL
(JTAG INTERFACE)
DATA SLICER
LINE DRIVER
DATA
CLOCK
PULSE
MCLK
LOS
LOS
CLOCK
RECOVERY
PULSE
SHAPER
TPOS
TCLK
TNEG
RPOS
RCLK
RNEG
0
1
2
3
B8ZS / HDB3
DECODER
B8ZS / HDB3
ENCODER
JITTER
ATTENUATOR
RX OR TX
PATH
JITTER
ATTENUATOR
RX OR TX
PATH
MODE
CLKE
LOOP 0..3
RTIP
RRING
TTIP
TRING
JTAG
SERIAL/
PARALLEL
PORT
JASEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com