Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386LE Datasheet(PDF) 30 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 30 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 26Page - Intel Corporation LXT386LE Datasheet HTML 27Page - Intel Corporation LXT386LE Datasheet HTML 28Page - Intel Corporation LXT386LE Datasheet HTML 29Page - Intel Corporation LXT386LE Datasheet HTML 30Page - Intel Corporation LXT386LE Datasheet HTML 31Page - Intel Corporation LXT386LE Datasheet HTML 32Page - Intel Corporation LXT386LE Datasheet HTML 33Page - Intel Corporation LXT386LE Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
30
Datasheet
3.6
Jitter Attenuation
A digital Jitter Attenuation Loop (JAL) combined with a FIFO provides Jitter attenuation. The JAL
is internal and requires no external crystal nor high-frequency (higher than line rate) reference
clock.
In Host Mode, the Global Control Register (GCR) determines whether the JAL is positioned in the
receive or transmit path. In Hardware Mode, the JAL position is determined by the JASEL pin.
The FIFO is a 32 x 2-bit or 64 x 2-bit register (selected by the FIFO64 bit in the GCR). Data is
clocked into the FIFO with the associated clock signal (TCLK or RCLK), and clocked out of the
FIFO with the dejittered JAL clock. See Figure 8. When the FIFO is within two bits of overflowing
or underflowing, the FIFO adjusts the output clock by 1/8 of a bit period. The Jitter Attenuator
produces a constant delay of 17 or 33 bits in the associated path (refer to test specifications). This
feature can be used for hitless switching applications. This advanced digital jitter attenuator meets
latest jitter attenuation specifications. See Table 3.
Under software control, the low limit jitter attenuator corner frequency depends on FIFO length
and the JACF bit setting (this bit is in the GCR register). In Hardware Mode, the FIFO length is
fixed to 64 bits. The corner frequency is fixed to 6 Hz for T1 mode and 3.5 Hz for E1 mode.
Table 3.
Jitter Attenuation Specifications
T1
E1
AT&T Pub 62411
ITU-T G.736
GR-253-CORE1
ITU-T G.7423
TR-TSY-0000092
ITU-T G.7834
ETSI CTR12/13
BAPT 220
1. Category I, R5-203.
2. Section 4.6.3.
3. Section 6.2 When used with the SXT6234 E2-E1 mux/demux.
4. Section 6.2.3.3 combined jitter when used with the SXT6251 21E1 mapper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com