Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386LE Datasheet(PDF) 40 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 40 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 36Page - Intel Corporation LXT386LE Datasheet HTML 37Page - Intel Corporation LXT386LE Datasheet HTML 38Page - Intel Corporation LXT386LE Datasheet HTML 39Page - Intel Corporation LXT386LE Datasheet HTML 40Page - Intel Corporation LXT386LE Datasheet HTML 41Page - Intel Corporation LXT386LE Datasheet HTML 42Page - Intel Corporation LXT386LE Datasheet HTML 43Page - Intel Corporation LXT386LE Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
40
Datasheet
Table 10. Remote Loopback Register, RLOOP (02H)
Bit
Name
Function
3-0
RL3-RL0
Setting a bit to “1” enables remote loopback for transceivers 3-0 respectively.
Table 11. TAOS Enable Register, TAOS (03H)
Bit1
Name
Function2
3-0
TAOS3-TAOS0
Setting a bit to “1” causes a continuous stream of marks to be sent out at the TTIP and
TRING pins of the respective transceiver 3-0.
7-4
-
Write “0” to these positions for normal operation.
1. On power up all register bits are set to “0”.
2. MCLK is used as timing reference. If MCLK is not available then the channel TCLK is used as the reference. This feature is
not available in data recovery and line driver mode (MCLK= High and TCLK = High)
Table 12. LOS Status Monitor Register, LOS (04H)
Bit1
Name
Function
3-0
LOS3-LOS0
Respective bit(s) are set to “1” every time the LOS processor detects a valid loss of signal
condition in transceivers 3-0.
1. On power up all register bits are set to “0”. Any change in the state causes an interrupt. All LOS interrupts are cleared by a
single read operation.
Table 13. DFM Status Monitor Register, DFM (05H)
Bit1
Name
Function
3-0
DFM3-DFM0
Respective bit(s) are set to “1” every time the short circuit monitor detects a valid
secondary output driver short circuit condition in transceivers 3-0. Note that DFM is
available only in configurations with no transmit series resistors (T1 mode with
TVCC=3.3V).
1. On power-up all the register bits are set to “0”. All DFM interrupts are cleared by a single read operation.
Table 14. LOS Interrupt Enable Register, LIE (06H)
Bit1
Name
Function
3-0
LIE3-LIE0
Transceiver 3-0 LOS interrupts are enabled by writing a “1” to the respective bit.
7-4
-
Write “0” to these positions for normal operation.
1. On power-up all the register bits are set to “0”and all interrupts are disabled.
Table 15. DFM Interrupt Enable Register, DIE (07H)
Bit1
Name
Function
3-0
DIE3-DIE0
Transceiver 3-0 DFM interrupts are enabled by writing a “1” to the respective bit.
7-4
-
Write “0” to these positions for normal operation.
1. On power-up all the register bits are set to “0”and all interrupts are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com