| Electronic Components Datasheet Search |
|
LXT386LE Datasheet(PDF) 19 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT386LE Datasheet(HTML) 19 Page - Intel Corporation |
|
19 / 78 page ![]() QUAD T1/E1/J1 Transceiver — LXT386 Datasheet 19 J11 98 CS/ JASEL DI DI Chip Select/Jitter Attenuator Select. Host Mode This active Low input is used to access the serial/parallel interface. For each read or write operation, CS must transition from High to Low, and remain Low. Hardware Mode This input determines the Jitter Attenuator position in the data path: H12 1 MOT/INTL/ CODEN DI DI Motorola/Intel/Codec Enable Select. Host Mode: When Low, the host interface is configured for Motorola microcontrollers. When High, the host interface is configured for Intel microcontrollers. Hardware Mode: This pin determines the line encode/decode selection when in un- ipolar mode: When Low, B8ZS/HDB3 encoders/decoders are enabled for T1/E1 respectively. When High, enables AMI encoder/decoder (transparent mode). G13 76 AT2 AO JTAG Analog Output Test Port 2. H13 77 AT1 AI JTAG Analog Input Test Port 1. G12 72 TRST JTAG Controller Reset. Input is used to reset the JTAG controller. TRST is pulled up internally and may be left disconnected. F11 71 TMS DI JTAG Test Mode Select. Used to control the test logic state machine. Sampled on rising edge of TCK. TMS is pulled up internally and may be left disconnected. F14 69 TCK DI JTAG Clock. Clock input for JTAG. Connect to GND when not used. F13 73 TDO DO JTAG Data Output. Test Data Output for JTAG. Used for reading all serial configuration and test data from internal test logic. Updated on falling edge of TCK. F12 70 TDI DI JTAG Data Input. Test Data input for JTAG. Used for loading serial instructions and data into internal test logic. Sampled on rising edge of TCK. TDI is pulled up internally and may be left disconnected. E14 83 OE DI Output Driver Enable. If this pin is asserted Low all analog driver outputs immediately enter a high impedance mode to support redundancy applications without external mechanical relays. All other internal circuitry stays active. In software mode, TTIP and TRING can be tristated on a port-by-port basis by writing a ‘1’ to the OEx bit in the Output Enable Register (OER). Table 1. Pin Assignments and Signal Descriptions (Continued) Ball # PBGA Pin # LQFP Symbol I/O1 Description 1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply; N.C.: Not Connected. 2. N/C means “Not Connected” JASEL JA Position L Transmit path H Receive path Z Disabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |