Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386LE Datasheet(PDF) 15 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 15 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 11Page - Intel Corporation LXT386LE Datasheet HTML 12Page - Intel Corporation LXT386LE Datasheet HTML 13Page - Intel Corporation LXT386LE Datasheet HTML 14Page - Intel Corporation LXT386LE Datasheet HTML 15Page - Intel Corporation LXT386LE Datasheet HTML 16Page - Intel Corporation LXT386LE Datasheet HTML 17Page - Intel Corporation LXT386LE Datasheet HTML 18Page - Intel Corporation LXT386LE Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
15
P1
22
RCLK0
DO
Receive Clock.
Normal Mode:
This pin provides the recovered clock from the signal received at RTIP and
RRING. Under LOS conditions there is a transition from RCLK signal
(derived from the recovered data) to MCLK signal at the RCLK output.
Data Recovery Mode:
If MCLK is High, the clock recovery circuit is disabled and RPOS and
RNEG are internally connected to an EXOR that is fed to the RCLK output
for external clock recovery applications.
RCLK will be in high impedance state if the MCLK pin is Low.
P2
23
RPOS0/
RDATA0
DO
DO
Receive Positive.
Receive Data.
Receive Negative Data.
Bipolar Violation Detect.
Bipolar Mode:
In clock recovery mode these pins act as active high bipolar non return to
zero (NRZ) receive signal outputs. A High signal on RPOS corresponds to
receipt of a positive pulse on RTIP/RRING. A High signal on RNEG
corresponds to receipt of a negative pulse on RTIP/RRING. These signals
are valid on the falling or rising edges of RCLK depending on the CLKE
input.
In Data recovery Mode these pins act as RZ data receiver outputs. The
output polarity is selectable with CLKE (Active High output polarity when
CLKE is High and Active Low Polarity when CLKE is Low).
RPOS and RNEG will go to the high impedance state when the MCLK pin
is Low.
Unipolar Mode:
In uni-polar mode, the LXT386 asserts BPV High if any in-service Line
Code Violation is detected. RDATA acts as the receive data output.
Hardware Mode: During a LOS condition, RPOS and RNEG will remain
active.
Host Mode: RPOS and RNEG will either remain active or insert AIS into
the receive path. Selection is determined by the RAISEN bit in the GCR
register.
P3
24
RNEG0/
BPV0
DO
DO
K4
25
LOS0
DO
Loss of Signal. LOS goes High to indicate a loss of signal, i.e. when the
incoming signal has no transitions for a specified time interval. The LOS
condition is cleared and the output pin returns to Low when the incoming signal
has sufficient number of transitions in a specified time interval. See “Loss of
Signal Detector” on page 24.
K2
99
MUX
DI
Multiplexed/Non-Multiplexed Select.
When Low the parallel host interface operates in non-multiplexed mode.
When High the parallel host interface operates in multiplexed mode. In
hardware mode tie this unused input low.
N4, P4
26
TVCC0
S
Transmit Driver Power Supply. Power supply pin for the port 0 output
driver. TVCC pins can be connected to either a 3.3V or 5V power supply.
Refer to the Transmitter description.
Table 1.
Pin Assignments and Signal Descriptions (Continued)
Ball #
PBGA
Pin #
LQFP
Symbol
I/O1
Description
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not Connected.
2. N/C means “Not Connected”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com