Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386LE Datasheet(PDF) 53 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 53 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 49Page - Intel Corporation LXT386LE Datasheet HTML 50Page - Intel Corporation LXT386LE Datasheet HTML 51Page - Intel Corporation LXT386LE Datasheet HTML 52Page - Intel Corporation LXT386LE Datasheet HTML 53Page - Intel Corporation LXT386LE Datasheet HTML 54Page - Intel Corporation LXT386LE Datasheet HTML 55Page - Intel Corporation LXT386LE Datasheet HTML 56Page - Intel Corporation LXT386LE Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
53
6.0
Test Specifications
Note:
Table 34 through Table 53 and Figure 18 through Figure 33 represent the performance
specifications of the LXT386 and are guaranteed by test except, where noted, by design. The
minimum and maximum values listed in Table 36 through Table 53 are guaranteed over the
recommended operating conditions specified in Table 35.
Table 34. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
DC supply voltage
Vcc
-0.5
4.0
V
DC supply voltage
Tvcc 0-3
-0.5
7.0
V
Input voltage on any digital pin
Vin
GND-0.5
5.5
V
Input voltage on RTIP, RRING1
Vin
GND-0.5
VCC + 0.5
VCC + 0.5
V
ESD voltage on any Pin 2
Vin
2000
–
V
Transient latch-up current on any pin
Iin
100
mA
Input current on any digital pin 3
Iin
-10
10
mA
DC input current on TTIP, TRING 3
Iin
–
±100
mA
DC input current on RTIP, RRING 3
Iin
–
±100
mA
Storage temperature
Tstor
-65
+150
°C
Maximum power dissipation in package
PP
830
mW
Case Temperature, 100 pin LQFP
package
Tcase
–
120
°C
Case Temperature, 160 pin PBGA
package
Tcase
–
120
°C
Caution: Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
1. Referenced to ground.
2. Human body model.
3. Constant input current.
Table 35. Recommended Operating Conditions
Parameter
LEN
Sym
Min
Typ
Max
Unit
Test
Condition
Digital supply voltage (VCC)
VCC
3.135
3.3
3.465
V
3.3V ± 5%
Transmitter supply voltage, TVCC=5V
nominal
TVCC
4.75
5.0
5.25
V
5V ± 5%
Transmitter supply voltage, TVCC=3.3V
nominal
TVCC
3.135
3.3
3.465
V
3.3V ± 5%
Ambient operating temperature
Ta
-40
25
+85
°C
1. Maximum power and current consumption over the full operating temperature and power supply voltage range. Includes all
channels.
2. Power consumption includes power absorbed by line load and external transmitter components.
3. T1 maximum values measured with maximum cable length (LEN = 111). Typical values measured with typical cable length
(LEN = 101).
4. Digital inputs are within 10% of the supply rails and digital outputs are driving a 50pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com