| Electronic Components Datasheet Search |
|
LXT386LE Datasheet(PDF) 32 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT386LE Datasheet(HTML) 32 Page - Intel Corporation |
|
32 / 78 page ![]() LXT386 — QUAD T1/E1/J1 Transceiver 32 Datasheet 3.7.2 Digital Loopback The digital loopback function is available in software and hardware mode. When selected, the transmit clock and data inputs (TCLK, TPOS & TNEG) are looped back and output on the RCLK, RPOS & RNEG pins (Figure 10). The data presented on TCLK, TPOS & TNEG is also output on the TTIP & TRING pins. Note that signals on the RTIP & RRING pins are ignored during digital loopback. 3.7.3 Remote Loopback During remote loopback (Figure 11) the RCLK, RPOS & RNEG outputs routed to the transmit circuits and output on the TTIP & TRING pins. Note that input signals on the TCLK, TPOS & TNEG pins are ignored during remote loopback. Note: In data recovery mode, the pulse template cannot be guaranteed while in a remote loopback. 3.7.4 Transmit All Ones (TAOS) In Hardware mode, the TAOS mode is set by pulling TCLK High for more than 16 MCLK cycles. In software mode, TAOS mode is set by asserting the corresponding bit in the TAOS Register. In addition, automatic ATS insertion (in case of LOS) may be set using the ATS Register. Note: The TAOS generator uses MCLK as a timing reference, therefore TAOS doesn’t work in data recovery mode. In order to assure that the output frequency is within specification limits, MCLK must have the applicable stability. DLOOP does not function with TAOS active. Figure 10. Digital Loopback Timing & Control Timing Recovery TTIP TRING RTIP RRING RCLK RPOS RNEG TCLK TPOS TNEG * If Enabled JA* JA* Figure 11. Remote Loopback TCLK TPOS TNEG TTIP TRING RTIP RRING * If Enabled RCLK RPOS RNEG Timing & Control Timing Recovery JA* JA* |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |