Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386LE Datasheet(PDF) 43 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 43 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 39Page - Intel Corporation LXT386LE Datasheet HTML 40Page - Intel Corporation LXT386LE Datasheet HTML 41Page - Intel Corporation LXT386LE Datasheet HTML 42Page - Intel Corporation LXT386LE Datasheet HTML 43Page - Intel Corporation LXT386LE Datasheet HTML 44Page - Intel Corporation LXT386LE Datasheet HTML 45Page - Intel Corporation LXT386LE Datasheet HTML 46Page - Intel Corporation LXT386LE Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
43
Table 24. Pulse Shaping Indirect Address Register, PSIAD (10H)
Bit1
Name
Function
0-2
LENAD 0-2
The three bit value written to these bits determine the channel to be addressed:
0H = channel 0
1H = channel 1
2H = channel 2
3H = channel 3
Data can be read from (written to) the Pulse Shaping Data Register (PSDAT).
3 - 7
-
Reserved.
1. On power-on reset the register is set to “0”.
Table 25. Pulse Shaping Data Register, PSDAT (11H)
Bit
Name
Function
0-2
LEN 0-2 1, 3
LEN0-2 determine the LXT386 operation mode: T1 or E1. In addition, for T1 operation,
LEN2-0 set the pulse shaping to meet the T1.102 pulse template at the DSX-1 cross-
connect point for various cable lengths:
LEN2
LEN1
LEN0
Line Length
Cable Loss2
Operation
Mode
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
0 - 133 ft. ABAM
133 - 266 ft. ABAM
266 - 399 ft. ABAM
399 - 533 ft. ABAM
533 - 655 ft. ABAM
0.6 dB
1.2 dB
1.8 dB
2.4 dB
3.0 dB
T1
0
0
0
E1 G.703, 75
Ω coaxial cable and 120 Ω
twisted pair cable.
E1
3 - 7
-
Reserved.
1. On power-on reset the register is set to “0”.
2. Maximum cable loss at 772 KHz.
3. When reading LEN, bit values appear inverted. “B1” revision silicon will fix this so the bits read back correctly.
Table 26. Output Enable Register, OER (12H)
Bit1
Name
Function
3-0
OE3 - OE0
Setting a bit to “1” tristates the output driver of the corresponding transceiver.
1. On power-up all the register bits are set to “0”.
Table 27. AIS Status Monitor Register, AIS (13H)
Bit1
Name
Function
3-0
AIS3-AIS0
Respective bit(s) are set to “1” every time the receiver detects a AIS condition in
transceivers 3-0.
1. On power-up all the register bits are set to “0”. All AIS interrupts are cleared by a single read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com