Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386LE Datasheet(PDF) 57 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 57 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 53Page - Intel Corporation LXT386LE Datasheet HTML 54Page - Intel Corporation LXT386LE Datasheet HTML 55Page - Intel Corporation LXT386LE Datasheet HTML 56Page - Intel Corporation LXT386LE Datasheet HTML 57Page - Intel Corporation LXT386LE Datasheet HTML 58Page - Intel Corporation LXT386LE Datasheet HTML 59Page - Intel Corporation LXT386LE Datasheet HTML 60Page - Intel Corporation LXT386LE Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
57
Output power
levels2
@ 772 KHz
@ 1544 KHz
–
12.6
-29
–
17.9
dBm
dBm
T1.102 - 1993
Referenced to power at
772 KHz
Transmit return
loss 1
51kHz to 102 kHz
102 kHz to 2.048 MHz
2.048 MHz to 3.072 MHz
–
15
15
15
21
21
21
–
dB
dB
dB
With transmit series
resistors (TVCC=5V).
Using components in the
LXD384 evaluation
board.
Transmit path delay
Bipolar mode
2
U.I.
JA Disabled
Unipolar mode
7
U.I.
Table 40. T1 Receive Transmission Characteristics
Parameter
Sym
Min
Typ
Max
Unit
Test Condition
Permissible cable attenuation
––
–
12
dB
@ 772 KHz
Receiver dynamic range
DR
0.5
––
Vp
Signal to noise interference margin
S/I
-16.5
––
dB
@ 655 ft. of 22 ABAM cable
Data decision threshold
SRE
63
70
77
%
Rel. to peak input voltage
Data slicer threshold
––
150
–
mV
Loss of signal threshold
––
200
–
mV
LOS hysteresis
––
50
–
mV
Consecutive zeros before loss of signal
–
100
175
250
–
T1.231 - 1993
LOS reset
–
12.5%
––
–
1’s density
Low limit
input jitter
tolerance 1
0.1Hz to 1Hz
4.9Hz to 300Hz
10KHz to 100KHz
-
138
28
0.4
--
U.I.
U.I.
U.I.
AT&T Pub. 62411
Differential receiver input impedance
-
-
70
-
k
Ω
@772 kHz
Input termination resistor tolerance
-
-
±1
%
Common mode input impedance to ground
-
-
20
-
k
Ω
Input return
loss1
51 KHz - 102 KHz
102 - 2048 KHz
2048 KHz - 3072 KHz
-
20
20
20
--
dB
dB
dB
Measured against nominal
impedance. Using
components in the LXD384
evaluation board.
LOS delay time
-
-
30
-
µs
Data recovery mode
LOS reset
-
10
-
255
-
Data recovery mode
Receive intrinsic jitter, RCLK output1
-
-
0.035
0.0625
U.I.
Wide band jitter
Receive
path delay
Bipolar mode
1
U.I.
JA Disabled
Unipolar mode
6
U.I.
1. Guaranteed by design and other correlation methods.
Table 39. T1 Transmit Transmission Characteristics (Continued)
Parameter
Sym
Min
Typ
Max
Unit
Test Condition
1. Guaranteed by design and other correlation methods.
2. Power measured in a 3 KHz bandwidth at the point the signal arrives at the distribution frame for an all 1’s pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com