Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386LE Datasheet(PDF) 48 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 48 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 44Page - Intel Corporation LXT386LE Datasheet HTML 45Page - Intel Corporation LXT386LE Datasheet HTML 46Page - Intel Corporation LXT386LE Datasheet HTML 47Page - Intel Corporation LXT386LE Datasheet HTML 48Page - Intel Corporation LXT386LE Datasheet HTML 49Page - Intel Corporation LXT386LE Datasheet HTML 50Page - Intel Corporation LXT386LE Datasheet HTML 51Page - Intel Corporation LXT386LE Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
48
Datasheet
5.4.1
Boundary Scan Register (BSR)
The BSR is a shift register that provides access to all the digital I/O pins. The BSR is used to apply
and read test patterns to/from the board. Each pin is associated with a scan cell in the BSR register.
Bidirectional pins or tristatable pins require more than one position in the register. Table 1 shows
the BSR scan cells and their functions. Data into the BSR is shifted in LSB first.
Example 1. Boundary Scan Register (BSR)
Bit #
Pin
Signal
I/O
Type
Bit
Symbol
Comments
0LOS3
O
LOS3
RNEG3
O
RNEG3
N/A
-
HIZ3
HIZ3 controls the RPOS3, RNEG3 and RCLK3 pins. Setting HIZ3 to “0”
enables output on the pins. Setting HIZ3 to “1” tristates the pins.
RPOS3
O
RPOS3
RCLK3
O
RCLK3
TNEG3
I
TNEG3
TPOS3
I
TPOS3
TCLK3
I
TCLK3
LOS2
O
LOS2
RNEG2
O
RNEG2
N/A
-
HIZ2
HIZ2 controls the RPOS2, RNEG2 and RCLK2 pins. Setting HIZ2 to “0”
enables output on the pins. Setting HIZ2 to “1” tristates the pins.
RPOS2
O
RPOS2
RCLK2
O
RCLK2
TNEG2
I
TNEG2
TPOS2
I
TPOS2
TCLK2
I
TCLK2
MCLK
I
MCLK
MODE
I
MODE
INT
O
INTRUPTB
N/A
-
SDORDYENB
SDORDYENB controls the ACK pin. Setting SDORDYENB to “0” enables
output on ACK pin. Setting SDORDYENB to “1” tristates the pin.
ACK
O
SDORDY
ALE
I
ALE
OE
I
OE
CLKE
I
CLKE
A0
I
A0
A1
I
A1
A2
I
A2
A3
I
A3
A4
I
A4
LOOP0
I/O
PADD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com