Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386LE Datasheet(PDF) 27 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 27 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 23Page - Intel Corporation LXT386LE Datasheet HTML 24Page - Intel Corporation LXT386LE Datasheet HTML 25Page - Intel Corporation LXT386LE Datasheet HTML 26Page - Intel Corporation LXT386LE Datasheet HTML 27Page - Intel Corporation LXT386LE Datasheet HTML 28Page - Intel Corporation LXT386LE Datasheet HTML 29Page - Intel Corporation LXT386LE Datasheet HTML 30Page - Intel Corporation LXT386LE Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
27
.
3.3.2
Transmit Pulse Shaping
The transmitted pulse shape is internally generated using a high speed D/A converter. Shaped
pulses are further applied to the line driver for transmission onto the line at TTIP and TRING. The
line driver provides a constant low output impedance regardless of whether it is driving marks.
3.3.2.1
Output Driver Power Supply
The output driver power supply (TVCC pins) can be either 3.3V or 5V nominal. When TVCC=5V,
LXT386 drives both E1 (75
Ω/120Ω) and T1 100Ω lines through a 1:2 transformer and 11Ω/9.1Ω
series resistors.
When TVCC=3.3V, the LXT386 drives E1 (75
Ω/120Ω) lines through a 1:2 transformer and 11Ω
series resistor. A configuration with a 1:2 transformer and without series resistors should be used to
drive T1 100
Ω lines.
Removing the series resistors for T1 applications with TVCC=3.3V, improves the power
consumption of the device. See Table 35.
On the other hand, series resistors in the transmit configuration improve the transmit return loss
performance. Good transmit return loss performance minimizes reflections in harsh cable
environments. In addition, series resistors provide protection against surges coupled to the device.
The resistors should be used in systems requiring protection switching without external relays.
Please refer to Figure 7 for the recommended external line circuitry.
3.3.2.2
Power Sequencing
For the LXT384, we recommend sequencing TVCC first then VCC second or at the same time as
TVCC to prevent excessive current draw.
3.4
Driver Failure Monitor
The LXT386 transceiver incorporates an internal power Driver Failure Monitor (DFM) in parallel
with TTIP and TRING that is capable of detecting secondary shorts without cable. DFM is available
only in configurations with no transmit series resistors (T1 mode with TVCC=3.3V). This feature is
available in the serial and parallel host modes but not available in the hardware mode of operation.
Table 2.
Line Length Equalizer Inputs
LEN2
LEN1
LEN0
Line Length1
Cable Loss2
Operation Mode
01
1
0 - 133 ft. ABAM
133 - 266 ft. ABAM
266 - 399 ft. ABAM
399 - 533 ft. ABAM
533 - 655 ft. ABAM
0.6 dB
1.2 dB
1.8 dB
2.4 dB
3.0 dB
T1
10
0
10
1
11
0
11
1
0
0
0
E1 G.703, 75
Ω coaxial cable and 120 Ω twisted pair cable.
E1
1. Line length from LXT386 to DSX-1 cross-connect point.
2. Maximum cable loss at 772KHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com