Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 18Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 19Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 20Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 21Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 22Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 23Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 24Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 25Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 184 page
background image
General Description
MC68HC908QY/QT Family Data Sheet, Rev. 5
22
Freescale Semiconductor
1.5 Pin Functions
Table 1-2 provides a description of the pin functions.
Table 1-2. Pin Functions
Pin
Name
Description
Input/Output
VDD
Power supply
Power
VSS
Power supply ground
Power
PTA0
PTA0 — General purpose I/O port
Input/Output
AD0 — A/D channel 0 input
Input
TCH0 — Timer Channel 0 I/O
Input/Output
KBI0 — Keyboard interrupt input 0
Input
PTA1
PTA1 — General purpose I/O port
Input/Output
AD1 — A/D channel 1 input
Input
TCH1 — Timer Channel 1 I/O
Input/Output
KBI1 — Keyboard interrupt input 1
Input
PTA2
PTA2 — General purpose input-only port
Input
IRQ — External interrupt with programmable pullup and Schmitt trigger input
Input
KBI2 — Keyboard interrupt input 2
Input
TCLK — Timer clock input
Input
PTA3
PTA3 — General purpose I/O port
Input/Output
RST — Reset input, active low with internal pullup and Schmitt trigger
Input
KBI3 — Keyboard interrupt input 3
Input
PTA4
PTA4 — General purpose I/O port
Input/Output
OSC2 —XTAL oscillator output (XTAL option only)
RC or internal oscillator output (OSC2EN = 1 in PTAPUE register)
Output
Output
AD2 — A/D channel 2 input
Input
KBI4 — Keyboard interrupt input 4
Input
PTA5
PTA5 — General purpose I/O port
Input/Output
OSC1 — XTAL, RC, or external oscillator input
Input
AD3 — A/D channel 3 input
Input
KBI5 — Keyboard interrupt input 5
Input
PTB[0:7](1)
1. The PTB pins are not available on the 8-pin packages (see note in 12.1 Introduction).
8 general-purpose I/O ports
Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com