Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 66Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 67Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 68Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 69Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 70Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 71Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 72Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 184 page
background image
Central Processor Unit (CPU)
MC68HC908QY/QT Family Data Sheet, Rev. 5
70
Freescale Semiconductor
PULA
Pull A from Stack
SP
← (SP + 1); Pull (A)
–––– –– INH
86
2
PULH
Pull H from Stack
SP
← (SP + 1); Pull (H)
–––– –– INH
8A
2
PULX
Pull X from Stack
SP
← (SP + 1); Pull (X)
–––– –– INH
88
2
ROL opr
ROLA
ROLX
ROL opr,X
ROL ,X
ROL opr,SP
Rotate Left through Carry
––
DIR
INH
INH
IX1
IX
SP1
39
49
59
69
79
9E69
dd
ff
ff
4
1
1
4
3
5
ROR opr
RORA
RORX
ROR opr,X
ROR ,X
ROR opr,SP
Rotate Right through Carry
––
DIR
INH
INH
IX1
IX
SP1
36
46
56
66
76
9E66
dd
ff
ff
4
1
1
4
3
5
RSP
Reset Stack Pointer
SP
← $FF
–––– –– INH
9C
1
RTI
Return from Interrupt
SP
← (SP) + 1; Pull (CCR)
SP
← (SP) + 1; Pull (A)
SP
← (SP) + 1; Pull (X)
SP
← (SP) + 1; Pull (PCH)
SP
← (SP) + 1; Pull (PCL)
INH
80
7
RTS
Return from Subroutine
SP
← SP + 1; Pull (PCH)
SP
← SP + 1; Pull (PCL)
–––– –– INH
81
4
SBC #opr
SBC opr
SBC opr
SBC opr,X
SBC opr,X
SBC ,X
SBC opr,SP
SBC opr,SP
Subtract with Carry
A
← (A) – (M) – (C)
––
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A2
B2
C2
D2
E2
F2
9EE2
9ED2
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
SEC
Set Carry Bit
C
← 1
–––– –1 INH
99
1
SEI
Set Interrupt Mask
I
← 1
––1– –– INH
9B
2
STA opr
STA opr
STA opr,X
STA opr,X
STA ,X
STA opr,SP
STA opr,SP
Store A in M
M
← (A)
0––
–
DIR
EXT
IX2
IX1
IX
SP1
SP2
B7
C7
D7
E7
F7
9EE7
9ED7
dd
hh ll
ee ff
ff
ff
ee ff
3
4
4
3
2
4
5
STHX opr
Store H:X in M
(M:M + 1)
← (H:X)
0 – –
– DIR
35
dd
4
STOP
Enable Interrupts, Stop Processing,
Refer to MCU Documentation
I
← 0; Stop Processing
––0– –– INH
8E
1
STX opr
STX opr
STX opr,X
STX opr,X
STX ,X
STX opr,SP
STX opr,SP
Store X in M
M
← (X)
0––
–
DIR
EXT
IX2
IX1
IX
SP1
SP2
BF
CF
DF
EF
FF
9EEF
9EDF
dd
hh ll
ee ff
ff
ff
ee ff
3
4
4
3
2
4
5
SUB #opr
SUB opr
SUB opr
SUB opr,X
SUB opr,X
SUB ,X
SUB opr,SP
SUB opr,SP
Subtract
A
← (A) – (M)
––
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A0
B0
C0
D0
E0
F0
9EE0
9ED0
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
Table 7-1. Instruction Set Summary (Sheet 5 of 6)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C
C
b0
b7
b0
b7
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com