Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 82Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 83Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 84Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 85Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 86Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 87Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 88Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 89Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 184 page
background image
Low-Voltage Inhibit (LVI)
MC68HC908QY/QT Family Data Sheet, Rev. 5
86
Freescale Semiconductor
VTRIPF. Setting the LVI enable in stop mode bit, LVISTOP, enables the LVI to operate in stop mode.
Setting the LVI 5-V or 3-V trip point bit, LVI5OR3, enables the trip point voltage, VTRIPF, to be configured
for 5-V operation. Clearing the LVI5OR3 bit enables the trip point voltage, VTRIPF, to be configured for 3-V
operation. The actual trip thresholds are specified in 16.5 5-V DC Electrical Characteristics and 16.9 3-V
DC Electrical Characteristics.
NOTE
After a power-on reset, the LVI’s default mode of operation is 3 volts. If a
5-V system is used, the user must set the LVI5OR3 bit to raise the trip point
to 5-V operation.
If the user requires 5-V mode and sets the LVI5OR3 bit after power-on reset
while the VDD supply is not above the VTRIPR for 5-V mode, the
microcontroller unit (MCU) will immediately go into reset. The next time the
LVI releases the reset, the supply will be above the VTRIPR for 5-V mode.
Once an LVI reset occurs, the MCU remains in reset until VDD rises above a voltage, VTRIPR, which
causes the MCU to exit reset. See Chapter 13 System Integration Module (SIM) for the reset recovery
sequence.
The output of the comparator controls the state of the LVIOUT flag in the LVI status register (LVISR) and
can be used for polling LVI operation when the LVI reset is disabled.
10.3.1 Polled LVI Operation
In applications that can operate at VDD levels below the VTRIPF level, software can monitor VDD by polling
the LVIOUT bit. In the configuration register, the LVIPWRD bit must be cleared to enable the LVI module,
and the LVIRSTD bit must be at set to disable LVI resets.
10.3.2 Forced Reset Operation
In applications that require VDD to remain above the VTRIPF level, enabling LVI resets allows the LVI
module to reset the MCU when VDD falls below the VTRIPF level. In the configuration register, the
LVIPWRD and LVIRSTD bits must be cleared to enable the LVI module and to enable LVI resets.
10.3.3 Voltage Hysteresis Protection
Once the LVI has triggered (by having VDD fall below VTRIPF), the LVI will maintain a reset condition until
VDD rises above the rising trip point voltage, VTRIPR. This prevents a condition in which the MCU is
continually entering and exiting reset if VDD is approximately equal to VTRIPF. VTRIPR is greater than
VTRIPF by the hysteresis voltage, VHYS.
10.3.4 LVI Trip Selection
The LVI5OR3 bit in the configuration register selects whether the LVI is configured for 5-V or 3-V
protection.
NOTE
The microcontroller is guaranteed to operate at a minimum supply voltage.
The trip point (VTRIPF [5 V] or VTRIPF [3 V]) may be lower than this.
See 16.5 5-V DC Electrical Characteristics and 16.9 3-V DC Electrical
Characteristics for the actual trip point voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com