Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 74Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 77Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 78Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 79Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 80Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 184 page
background image
Registers
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
77
8.7.1 IRQ Input Pins (IRQ)
The IRQ pin provides a maskable external interrupt source. The IRQ pin contains an internal pullup
device.
8.8 Registers
The IRQ status and control register (INTSCR) controls and monitors operation of the IRQ module. See
Chapter 5 Configuration Register (CONFIG).
The INTSCR has the following functions:
•
Shows the state of the IRQ flag
•
Clears the IRQ latch
•
Masks the IRQ interrupt request
•
Controls triggering sensitivity of the IRQ interrupt pin
IRQF — IRQ Flag
This read-only status bit is set when the IRQ interrupt is pending.
1 = IRQ interrupt pending
0 = IRQ interrupt not pending
ACK — IRQ Interrupt Request Acknowledge Bit
Writing a 1 to this write-only bit clears the IRQ latch. ACK always reads as 0.
IMASK — IRQ Interrupt Mask Bit
Writing a 1 to this read/write bit disables the IRQ interrupt request.
1 = IRQ interrupt request disabled
0 = IRQ interrupt request enabled
MODE — IRQ Edge/Level Select Bit
This read/write bit controls the triggering sensitivity of the IRQ pin.
1 = IRQ interrupt request on falling edges and low levels
0 = IRQ interrupt request on falling edges only
Address: $001D
Bit 7
654321
Bit 0
Read:
0000
IRQF
0
IMASK
MODE
Write:
ACK
Reset:
00000000
= Unimplemented
Figure 8-3. IRQ Status and Control Register (INTSCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com