Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 13Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 14Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 15Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 16Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 17Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 18Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 19Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 20Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
17
Chapter 1
General Description
1.1 Introduction
The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit
microcontroller units (MCUs). The M68HC08 Family is a Complex Instruction Set Computer (CISC) with
a Von Neumann architecture. All MCUs in the family use the enhanced M68HC08 central processor unit
(CPU08) and are available with a variety of modules, memory sizes and types, and package types.
0.4
1.2 Features
Features include:
•
High-performance M68HC08 CPU core
•
Fully upward-compatible object code with M68HC05 Family
•
5-V and 3-V operating voltages (VDD)
•
8-MHz internal bus operation at 5 V, 4-MHz at 3 V
•
Trimmable internal oscillator
–
3.2 MHz internal bus operation
–
8-bit trim capability allows 0.4% accuracy(1)
–
± 25% untrimmed
•
Auto wakeup from STOP capability
•
Configuration (CONFIG) register for MCU configuration options, including:
–
Low-voltage inhibit (LVI) trip point
•
In-system FLASH programming
•
FLASH security(2)
Table 1-1. Summary of Device Variations
Device
FLASH
Memory Size
Analog-to-Digital
Converter
Pin
Count
MC68HC908QT1
1536 bytes
—
8 pins
MC68HC908QT2
1536 bytes
4 ch, 8 bit
8 pins
MC68HC908QT4
4096 bytes
4 ch, 8 bit
8 pins
MC68HC908QY1
1536 bytes
—
16 pins
MC68HC908QY2
1536 bytes
4 ch, 8 bit
16 pins
MC68HC908QY4
4096 bytes
4 ch, 8 bit
16 pins
1. The oscillator frequency is guaranteed to ±5% over temperature and voltage range after trimming.
2. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the FLASH difficult for
unauthorized users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com