Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 92Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 93Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 94Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 95Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 96Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 97Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 98Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 99Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 184 page
background image
Oscillator Module (OSC)
MC68HC908QY/QT Family Data Sheet, Rev. 5
96
Freescale Semiconductor
11.8.1 Oscillator Status Register
The oscillator status register (OSCSTAT) contains the bits for switching from internal to external clock
sources.
ECGON — External Clock Generator On Bit
This read/write bit enables external clock generator, so that the switching process can be initiated. This
bit is forced low during reset. This bit is ignored in monitor mode with the internal oscillator bypassed,
PTM or CTM mode.
1 = External clock generator enabled
0 = External clock generator disabled
ECGST — External Clock Status Bit
This read-only bit indicates whether or not an external clock source is engaged to drive the system
clock.
1 = An external clock source engaged
0 = An external clock source disengaged
11.8.2 Oscillator Trim Register (OSCTRIM)
TRIM7–TRIM0 — Internal Oscillator Trim Factor Bits
These read/write bits change the size of the internal capacitor used by the internal oscillator. By
measuring the period of the internal clock and adjusting this factor accordingly, the frequency of the
internal clock can be fine tuned. Increasing (decreasing) this factor by one increases (decreases) the
period by approximately 0.2% of the untrimmed period (the period for TRIM = $80). The trimmed
frequency is guaranteed not to vary by more than ±5% over the full specified range of temperature and
voltage. The reset value is $80, which sets the frequency to 12.8 MHz (3.2 MHz bus speed) ±25%.
Address: $0036
Bit 7
654321
Bit 0
Read:
RRRRRR
ECGON
ECGST
Write:
Reset:
00000000
R
=Reserved
= Unimplemented
Figure 11-4. Oscillator Status Register (OSCSTAT)
Address: $0038
Bit 7
654321
Bit 0
Read:
TRIM7
TRIM6
TRIM5
TRIM4
TRIM3
TRIM2
TRIM1
TRIM0
Write:
Reset:
10000000
Figure 11-5. Oscillator Trim Register (OSCTRIM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com