Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 24Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 25Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 26Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 27Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 28Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 29Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 30Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 31Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 184 page
background image
Memory
MC68HC908QY/QT Family Data Sheet, Rev. 5
28
Freescale Semiconductor
$0006
↓
$000A
Unimplemented
Unimplemented
$000B
Port A Input Pullup Enable
Register (PTAPUE)
See page 99.
Read:
OSC2EN
0
PTAPUE5
PTAPUE4
PTAPUE3
PTAPUE2
PTAPUE1
PTAPUE0
Write:
Reset:
00
0000
00
$000C
Port B Input Pullup Enable
Register (PTBPUE)
See page 102.
Read:
PTBPUE7
PTBPUE6
PTBPUE5
PTBPUE4
PTBPUE3
PTBPUE2
PTBPUE1
PTBPUE0
Write:
Reset:
00
0000
00
$000D
↓
$0019
Unimplemented
$001A
Keyboard Status and
Control Register (KBSCR)
See page 83.
Read:
0
0
0
0
KEYF
0
IMASKK
MODEK
Write:
ACKK
Reset:
00
0000
00
$001B
Keyboard Interrupt
Enable Register (KBIER)
See page 84.
Read:
0
AWUIE
KBIE5
KBIE4
KBIE3
KBIE2
KBIE1
KBIE0
Write:
Reset:
00
0000
00
$001C
Unimplemented
$001D
IRQ Status and Control
Register (INTSCR)
See page 77.
Read:
0
0
0
0
IRQF
0
IMASK
MODE
Write:
ACK
Reset:
00
0000
00
$001E
Configuration Register 2
(CONFIG2)(1)
See page 53.
Read:
IRQPUD
IRQEN
R
OSCOPT1 OSCOPT0
R
R
RSTEN
Write:
Reset:
00
0000
0
0(2)
1. One-time writable register after each reset.
2. RSTEN reset to 0 by a power-on reset (POR) only.
$001F
Configuration Register 1
(CONFIG1)(1)
See page 54.
Read:
COPRS
LVISTOP
LVIRSTD
LVIPWRD
LVI5OR3
SSREC
STOP
COPD
Write:
Reset:
00
00
0(2)
00
0
1. One-time writable register after each reset.
2. LVI5OR3 reset to 0 by a power-on reset (POR) only.
$0020
TIM Status and Control
Register (TSC)
See page 127.
Read:
TOF
TOIE
TSTOP
00
PS2
PS1
PS0
Write:
0
TRST
Reset:
00
1000
00
$0021
TIM Counter Register High
(TCNTH)
See page 128.
Read:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Write:
Reset:
00
0000
00
Addr.
Register Name
Bit 7
6
5432
1
Bit 0
= Unimplemented
R
= Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 2 of 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com