Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 95Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 96Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 97Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 98Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 99Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 100Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 101Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 102Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 184 page
background image
Port A
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
99
Figure 12-3 shows the port A I/O logic.
Figure 12-3. Port A I/O Circuit
NOTE
Figure 12-3 does not apply to PTA2
When DDRAx is a 1, reading address $0000 reads the PTAx data latch. When DDRAx is a 0, reading
address $0000 reads the voltage level on the pin. The data latch can always be written, regardless of the
state of its data direction bit.
12.2.3 Port A Input Pullup Enable Register
The port A input pullup enable register (PTAPUE) contains a software configurable pullup device for each
if the six port A pins. Each bit is individually configurable and requires the corresponding data direction
register, DDRAx, to be configured as input. Each pullup device is automatically and dynamically disabled
when its corresponding DDRAx bit is configured as output.
OSC2EN — Enable PTA4 on OSC2 Pin
This read/write bit configures the OSC2 pin function when internal oscillator or RC oscillator option is
selected. This bit has no effect for the XTAL or external oscillator options.
1 = OSC2 pin outputs the internal or RC oscillator clock (BUSCLKX4)
0 = OSC2 pin configured for PTA4 I/O, having all the interrupt and pullup functions
Address: $000B
Bit 7
654321
Bit 0
Read:
OSC2EN
PTAPUE5
PTAPUE4
PTAPUE3
PTAPUE2
PTAPUE1
PTAPUE0
Write:
Reset:
00000000
= Unimplemented
Figure 12-4. Port A Input Pullup Enable Register (PTAPUE)
READ DDRA ($0004)
WRITE DDRA ($0004)
RESET
WRITE PTA ($0000)
READ PTA ($0000)
PTAx
DDRAx
PTAx
30 k
PTAPUEx
TO KEYBOARD INTERRUPT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com