Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 41Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 42Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 43Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 44Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 45Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 46Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 47Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 184 page
background image
Input/Output Signals
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
45
3.5.2 Stop Mode
The ADC module is inactive after the execution of a STOP instruction. Any pending conversion is aborted.
ADC conversions resume when the MCU exits stop mode. Allow one conversion cycle to stabilize the
analog circuitry before using ADC data after exiting stop mode.
3.6 Input/Output Signals
The ADC module has four channels that are shared with I/O port A.
ADC voltage in (ADCVIN) is the input voltage signal from one of the four ADC channels to the ADC
module.
3.7 Input/Output Registers
These I/O registers control and monitor ADC operation:
•
ADC status and control register (ADSCR)
•
ADC data register (ADR)
•
ADC clock register (ADICLK)
3.7.1 ADC Status and Control Register
The following paragraphs describe the function of the ADC status and control register (ADSCR). When a
conversion is in process and the ADSCR is written, the current conversion data should be discarded to
prevent an incorrect reading.
COCO — Conversions Complete Bit
In non-interrupt mode (AIEN = 0), COCO is a read-only bit that is set at the end of each conversion.
COCO will stay set until cleared by a read of the ADC data register. Reset clears this bit.
In interrupt mode (AIEN = 1), COCO is a read-only bit that is not set at the end of a conversion. It
always reads as a 0.
1 = Conversion completed (AIEN = 0)
0 = Conversion not completed (AIEN = 0) or CPU interrupt enabled (AIEN = 1)
NOTE
The write function of the COCO bit is reserved. When writing to the ADSCR
register, always have a 0 in the COCO bit position.
Address: $003C
Bit 7
654321
Bit 0
Read:
COCO
AIEN
ADCO
CH4
CH3
CH2
CH1
CH0
Write:
R
Reset:
00011111
R= Reserved
Figure 3-3. ADC Status and Control Register (ADSCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com