Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 83Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 84Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 85Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 86Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 87Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 88Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 89Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 90Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 184 page
background image
LVI Status Register
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
87
10.4 LVI Status Register
The LVI status register (LVISR) indicates if the VDD voltage was detected below the VTRIPF level while
LVI resets have been disabled.
LVIOUT — LVI Output Bit
This read-only flag becomes set when the VDD voltage falls below the VTRIPF trip voltage and is cleared
when VDD voltage rises above VTRIPR. The difference in these threshold levels results in a hysteresis
that prevents oscillation into and out of reset (see Table 10-1). Reset clears the LVIOUT bit.
10.5 LVI Interrupts
The LVI module does not generate interrupt requests.
10.6 Low-Power Modes
The STOP and WAIT instructions put the MCU in low power-consumption standby modes.
10.6.1 Wait Mode
If enabled, the LVI module remains active in wait mode. If enabled to generate resets, the LVI module can
generate a reset and bring the MCU out of wait mode.
10.6.2 Stop Mode
When the LVIPWRD bit in the configuration register is cleared and the LVISTOP bit in the configuration
register is set, the LVI module remains active in stop mode. If enabled to generate resets, the LVI module
can generate a reset and bring the MCU out of stop mode.
Address: $FE0C
Bit 7
6
543
21
Bit 0
Read:
LVIOUT
0
000
00
R
Write:
Reset:
00
000
00
0
= Unimplemented
R
= Reserved
Figure 10-2. LVI Status Register (LVISR)
Table 10-1. LVIOUT Bit Indication
VDD
LVIOUT
VDD > VTRIPR
0
VDD < VTRIPF
1
VTRIPF < VDD < VTRIPR
Previous value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com