Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 89Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 90Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 91Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 92Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 93Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 94Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 95Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 96Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 184 page
background image
Oscillator Module Signals
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
93
11.3.4 RC Oscillator
The RC oscillator circuit is designed for use with an external resistor (REXT) to provide a clock source with
a tolerance within 25% of the expected frequency. See Figure 11-3.
The capacitor (C) for the RC oscillator is internal to the MCU. The REXT value must have a tolerance of
1% or less to minimize its effect on the frequency.
In this configuration, the OSC2 pin can be left in the reset state as PTA4. Or, the OSC2EN bit in the port
A pullup enable register can be set to enable the OSC2 output function on the pin. Enabling the OSC2
output slightly increases the external RC oscillator frequency, fRCCLK.
Figure 11-3. RC Oscillator External Connections
11.4 Oscillator Module Signals
The following paragraphs describe the signals that are inputs to and outputs from the oscillator module.
11.4.1 Crystal Amplifier Input Pin (OSC1)
The OSC1 pin is either an input to the crystal oscillator amplifier, an input to the RC oscillator circuit, or
an external clock source.
For the internal oscillator configuration, the OSC1 pin can assume other functions according to Table 1-3.
Function Priority in Shared Pins.
MCU
REXT
SIMOSCEN
OSC1
EXTERNAL RC
OSCILLATOR
EN
RCCLK
÷ 2
BUSCLKX2
BUSCLKX4
TO SIM
FROM SIM
VDD
PTA4
I/O
1
0
PTA4
OSC2EN
PTA4/BUSCLKX4 (OSC2)
TO SIM
See Chapter 16 Electrical Specifications for component value requirements.
0
1
INTCLK
OSCRCOPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com