Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 42Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 43Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 44Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 45Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 46Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 47Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 184 page
background image
Analog-to-Digital Converter (ADC)
MC68HC908QY/QT Family Data Sheet, Rev. 5
46
Freescale Semiconductor
AIEN — ADC Interrupt Enable Bit
When this bit is set, an interrupt is generated at the end of an ADC conversion. The interrupt signal is
cleared when ADR is read or ADSCR is written. Reset clears the AIEN bit.
1 = ADC interrupt enabled
0 = ADC interrupt disabled
ADCO — ADC Continuous Conversion Bit
When set, the ADC will convert samples continuously and update ADR at the end of each conversion.
Only one conversion is allowed when this bit is cleared. Reset clears the ADCO bit.
1 = Continuous ADC conversion
0 = One ADC conversion
CH[4:0] — ADC Channel Select Bits
CH4, CH3, CH2, CH1, and CH0 form a 5-bit field which is used to select one of the four ADC channels.
The five select bits are detailed in Table 3-1. Care should be taken when using a port pin as both an
analog and a digital input simultaneously to prevent switching noise from corrupting the analog signal.
The ADC subsystem is turned off when the channel select bits are all set to 1. This feature allows for
reduced power consumption for the MCU when the ADC is not used. Reset sets all of these bits to 1.
NOTE
Recovery from the disabled state requires one conversion cycle to stabilize.
Table 3-1. MUX Channel Select
CH4
CH3
CH2
CH1
CH0
ADC
Channel
Input Select
0
0000
ADC0
PTA0
0
0001
ADC1
PTA1
0
0010
ADC2
PTA4
0
0011
ADC3
PTA5
0
0100
—
Unused(1)
1. If any unused channels are selected, the resulting ADC conversion will be
unknown.
↓↓↓
↓↓
—
1
1010
—
1
1011
—
Reserved
11
1
0
0
—
Unused
11
1
0
1—
VDDA
(2)
2. The voltage levels supplied from internal reference nodes, as specified in the
table, are used to verify the operation of the ADC converter both in produc-
tion test and for user applications.
11
1
1
0—
VSSA
(2)
11
1
1
1—
ADC power off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com