Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908QT4MPE Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 91Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 92Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 93Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 94Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 95Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 96Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 97Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 98Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 184 page
background image
Low Power Modes
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
95
again in the SIM and results in the internal bus frequency being one fourth of either the XTALCLK,
RCCLK, or INTCLK frequency.
11.5 Low Power Modes
The WAIT and STOP instructions put the MCU in low-power consumption standby modes.
11.5.1 Wait Mode
The WAIT instruction has no effect on the oscillator logic. BUSCLKX2 and BUSCLKX4 continue to drive
to the SIM module.
11.5.2 Stop Mode
The STOP instruction disables either the XTALCLK, the RCCLK, or INTCLK output, hence BUSCLKX2
and BUSCLKX4.
11.6 Oscillator During Break Mode
The oscillator continues to drive BUSCLKX2 and BUSCLKX4 when the device enters the break state.
11.7 CONFIG2 Options
Two CONFIG2 register options affect the operation of the oscillator module: OSCOPT1 and OSCOPT0.
All CONFIG2 register bits will have a default configuration. Refer to Chapter 5 Configuration Register
(CONFIG) for more information on how the CONFIG2 register is used.
Table 11-2 shows how the OSCOPT bits are used to select the oscillator clock source.
.
11.8 Input/Output (I/O) Registers
The oscillator module contains these two registers:
1.
Oscillator status register (OSCSTAT)
2.
Oscillator trim register (OSCTRIM)
Table 11-2. Oscillator Modes
OSCOPT1
OSCOPT0
Oscillator Modes
0
0
Internal oscillator
0
1
External oscillator
10
External RC
1
1
External crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com