Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8322 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
56F8322 Techncial Data, Rev. 16
28
Freescale Semiconductor
Preliminary
Part 3 On-Chip Clock Synthesis (OCCS)
3.1 Introduction
Refer to the OCCS chapter of the 56F8300 Peripheral User Manual for a full description of the OCCS.
The material contained here identifies the specific features of the OCCS design.
3.2 External Clock Operation
The system clock can be derived from an external crystal, ceramic resonator or an external system clock
signal. To generate a reference frequency using the internal oscillator, a reference crystal or ceramic
resonator must be connected between the EXTAL and XTAL pins.
3.2.1
Crystal Oscillator
The internal oscillator is designed to interface with a parallel-resonant crystal resonator in the frequency
range specified for the external crystal in Table 10-15. A recommended crystal oscillator circuit is shown
in Figure 3-1. Follow the crystal supplier’s recommendations when selecting a crystal, since crystal
parameters determine the component values required to provide maximum stability and reliable start-up.
The crystal and associated components should be mounted as near as possible to the EXTAL and XTAL
pins to minimize output distortion and start-up stabilization time.
Figure 3-1 Connecting to a Crystal Oscillator
Note:
The OCCS_COHL bit should be set to 1 when a crystal oscillator is used. The reset condition on the
OCCS_COHL bit is 0. Please see the COHL bit in the Oscillator Control (OSCTL) register, discussed
in the 56F8300 Peripheral User Manual.
Sample External Crystal Parameters:
Rz = 750 KΩ
Note: If the operating temperature range is limited to
below 85oC (105oC junction), then Rz = 10 Meg Ω
CLKMODE = 0
EXTAL XTAL
Rz
CL1
CL2
Crystal Frequency = 4 - 8MHz (optimized for 8MHz)
EXTAL XTAL
Rz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com