Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8322 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
56F8322 Techncial Data, Rev. 16
30
Freescale Semiconductor
Preliminary
3.3 Use of On-Chip Relaxation Oscillator
An internal relaxtion oscillator can supply the reference frequency when an external frequency source of
crystal is not used. During a boot or reset sequence, the relaxation oscillator is enabled by default, and the
PRECS bit in the PLLCR word is set to 0. If an external oscillator is connected, the relaxation oscillator
can be deselected instead by setting the PRECS bit in the PLLCR to 1. If a changeover between internal
and external oscillators is required at start up, internal device circuits compensate for any asynchronous
transitions between the two clock signals so that no glitches occur in the resulting master clock to the chip.
When changing clocks, the user must ensure that the clock source is not switched until the desired clock
is enabled and stable.
To compensate for variances in the device manufacturing process, the accuracy of the relaxation oscillator
can be incrementally adjusted to within + 0.1% of 8MHz by trimming an internal capacitor. Bits 0-9 of the
OSCTL (oscillator control) register allow the user to set in an additional offset (trim) to this preset value
to increase or decrease capacitance. Upon power-up, the default value of this trim is 512 units. Each unit
added or deleted changes the output frequency by about 0.1%, allowing incremental adjustment until the
desired frequency accuracy is achieved.
The internal oscillator is calibrated at the factory to 8MHz and the TRIM value is stored in the Flash
information block and loaded to the FMOPT1 register at reset. When using the relaxation oscillator, the
boot code should read the FMOPT1 register and set this value as OSCTL TRIM. For further information,
see the 56F8300 Peripheral User Manual.
3.4 Internal Clock Operation
At reset, both oscillators will be powered up; however, the relaxation oscillator will be the default clock
reference for the PLL. Software should power down the block not being used and program the PLL for the
correct frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com