| Electronic Components Datasheet Search |
|
56F8322 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8322 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc |
|
87 / 136 page ![]() Register Descriptions 56F8322 Technical Data, Rev. 16 Freescale Semiconductor 87 Preliminary 6.5.7.4 INDEX0 (INDEX)—Bit 7 • 0 = Peripheral output function of GPIOB[5] is defined to be INDEX0 • 1 = Peripheral output function of GPIOB[5] is defined to be SYS_CLK 6.5.7.5 HOME0 (HOME)—Bit 6 • 0 = Peripheral output function of GPIOB[4] is defined to be HOME0 • 1 = Peripheral output function of GPIOB[4] is defined to be the prescaler clock (FREF, see Figure 3-4) 6.5.7.6 Clockout Disable (CLKDIS)—Bit 5 • 0 = CLKOUT output is enabled and will output the signal indicated by CLKOSEL • 1 = CLKOUT is tri-stated 6.5.7.7 CLockout Select (CLKOSEL)—Bits 4–0 Selects clock to be muxed out on the CLKO pin. • 00000 = SYS_CLK (from ROCS - DEFAULT) • 00001 = Reserved for factory test—56800E clock • 00010 = Reserved for factory test—XRAM clock • 00011 = Reserved for factory test—PFLASH odd clock • 00100 = Reserved for factory test—PFLASH even clock • 00101 = Reserved for factory test—BFLASH clock • 00110 = Reserved for factory test—DFLASH clock • 00111 = MSTR_OSC Oscillator output • 01000 = Fout (from OCCS) • 01001 = Reserved for factory test—IPB clock • 01010 = Reserved for factory test—Feedback (from OCCS, this is path to PLL) • 01011 = Reserved for factory test—Prescaler clock (from OCCS) • 01100 = Reserved for factory test—Postscaler clock (from OCCS) • 01101 = Reserved for factory test—SYS_CLK2 (from OCCS) • 01110 = Reserved for factory test—SYS_CLK_DIV2 • 01111 = Reserved for factory test—SYS_CLK_D • 10000 = ADCA clock 6.5.8 SIM GPIO Peripheral Select Register (SIM_GPS) All of the peripheral pins on the 56F8322 and 56F8122 share their I/O with GPIO ports. To select peripheral or GPIO control, program the GPIOx_PER register. When SPI 0 and SCI 1, Quad Timer C and SCI 0, or PWMA and SPI 1 are multiplexed, there are two possible peripherals as well as the GPIO functionality available for control of the I/O. The SIM_GPS register is used to determine which peripheral has control. The default peripherals are SPI 0, Quad Timer C, and PWMA. Note: PWM is NOT available in the 56F8122 device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |