Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8322 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 136 page
background image
56F8322 Techncial Data, Rev. 16
16
Freescale Semiconductor
Preliminary
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56F8322 and 56F8122 devices are organized into functional groups,
as detailed in Table 2-1 and as illustrated in Figure 2-1 and Figure 2-2. In Table 2-2, each table row
describes the signal or signals present on a pin.
Note: See Table 1-1 for 56F8122 functional differences.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of Pins in Package
56F8322
56F8122
Power (VDD or VDDA)
55
Ground (VSS or VSSA)
55
Supply Capacitors & VPP
1
1. The VPP input shares the IRQA input
22
PLL and Clock
22
Interrupt and Program Control
22
Pulse Width Modulator (PWM) Ports2
2. Pins in this section can function as SPI #1 and GPIO.
7—
Serial Peripheral Interface (SPI) Port 03
3. Pins in this section can function as SCI #1 and GPIO.
48
Quadrature Decoder Port 04
4. Alternately, can function as Quad Timer A pins or GPIO.
4—
CAN Ports
2—
Analog to Digital Converter (ADC) Ports
99
Timer Module Port C5
5. Pins can function as SCI #0 and GPIO.
22
Timer Module Port A
—4
JTAG/Enhanced On-Chip Emulation (EOnCE)
44
Temperature Sense6
6. Tied internally to ANA7
0—
Dedicated GPIO
—5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com