Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8322 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 136 page
background image
56F8322 Techncial Data, Rev. 16
86
Freescale Semiconductor
Preliminary
6.5.6.3
IRQ—Bit 10
This bit controls the pull-up resistors on the IRQA pin.
6.5.6.4
Reserved—Bits 9–4
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.6.5
JTAG—Bit 3
This bit controls the pull-up resistors on the TRST (This pin is always tied inactive on the 56F8322), TMS
and TDI pins.
6.5.6.6
Reserved—Bits 2–0
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.7
CLKO Select Register (SIM_CLKOSR)
The CLKO select register can be used to multiplex out any one of the clocks generated inside the clock
generation and SIM modules. The default value is SYS_CLK. All other clocks primarily muxed out are
for test purposes only, and are subject to significant unspecified latencies at high frequencies.
The upper four bits of the GPIOB register can function as GPIO, Quad Decoder #0 signals, or as additional
clock output signals. GPIO has priority and is enabled/disabled via the GPIOB_PER. If GPIOB[7:4] are
programmed to operate as peripheral outputs, then the choice between Quad Decoder #0 and additional
clock outputs is made here in the CLKOSR. The default state is for the peripheral function of GPIOB[7:4]
to be programmed as Quad Decoder #0. This can be changed by altering PHASE0 through INDEX as
shown in Figure 6-9.
The CLKOUT pin is not bonded out in this device. Instead, it is offered only as a pad for die-level testing.
Figure 6-9 CLKO Select Register (SIM_CLKOSR)
6.5.7.1
Reserved—Bits 15–10
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.7.2
PHASEA0 (PHSA)—Bit 9
•
0 = Peripheral output function of GPIOB[7] is defined to be PHASEA0
•
1 = Peripheral output function of GPI B[7] is defined to be the oscillator clock (MSTR_OSC, see
Figure 3-4)
6.5.7.3
PHASEB0 (PHSB)—Bit 8
•
0 = Peripheral output function of GPIOB[6] is defined to be PHASEB0
•
1 = Peripheral output function of GPIOB[6] is defined to be SYS_CLK2
Base + $A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
PHSA PHSB INDEX HOME
CLK
DIS
CLKOSEL
Write
RESET
0
0
000
0
0
0
0
0
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com