Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7780 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 36Page - NXP Semiconductors SAA7780 Datasheet HTML 37Page - NXP Semiconductors SAA7780 Datasheet HTML 38Page - NXP Semiconductors SAA7780 Datasheet HTML 39Page - NXP Semiconductors SAA7780 Datasheet HTML 40Page - NXP Semiconductors SAA7780 Datasheet HTML 41Page - NXP Semiconductors SAA7780 Datasheet HTML 42Page - NXP Semiconductors SAA7780 Datasheet HTML 43Page - NXP Semiconductors SAA7780 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
40
MIDI Base Address - MDBASE (RW/RO)
D23
D22
D21
D20
D19
D18
D17
D16
SBBASE[23:16]
POR Value
0
0
0
0
0
0
0
0
D15
D14
D13
D12
D11
D10
D9
D8
SBBASE[15:8]
POR Value
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
SBBASE[7:4]
R
R
R
IO
POR Value
0
0
0
0
0
0
0
1
Bit
Name
R/W
Function
31:4
SBBASE
RW
Sound Blaster programmable base address. The address should be on a 16 byte
boundary. For reference, the Sound Blaster legacy base addresses are 220h and
240h. Note that accesses from the AdLib base address are mapped into a subset
of the SoundBlaster registers.
3:1
R
RO
Reserved. These bits are reserved and always return zeros for plug and play.
0
IO
RO
I/O flag. This read only bit indicates that this is an I/O range.
PCI CFG 0
D31
D30
D29
D28
D27
D26
D25
D24
Offset 18h
MDBASE[31:24]
POR Value
0
0
0
0
0
0
0
0
D23
D22
D21
D20
D19
D18
D17
D16
MDBASE[23:16]
POR Value
0
0
0
0
0
0
0
0
D15
D14
D13
D12
D11
D10
D9
D8
MDBASE[15:8]
POR Value
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com