Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7780 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 28Page - NXP Semiconductors SAA7780 Datasheet HTML 29Page - NXP Semiconductors SAA7780 Datasheet HTML 30Page - NXP Semiconductors SAA7780 Datasheet HTML 31Page - NXP Semiconductors SAA7780 Datasheet HTML 32Page - NXP Semiconductors SAA7780 Datasheet HTML 33Page - NXP Semiconductors SAA7780 Datasheet HTML 34Page - NXP Semiconductors SAA7780 Datasheet HTML 35Page - NXP Semiconductors SAA7780 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
32
registers will be detailed with the blocks they control.
PCI Configuration Space 0 Register Map
Byte 3
Byte 2
Byte 1
Byte 0
Offset
Device ID
Vendor ID
00h
Status
Command
04h
Class Code
Revision ID
08h
BIST
Header Type
Master Latency Timer
Cache Line Size
0Ch
SONGBASE
10h
SBBASE
14h
MDBASE
18h
ALBASE
1Ch
Reserved
20-2Bh
SUBSYSTEM ID
SUBSYSTEM VENDOR ID
2Ch
Reserved
30-3Bh
Max_Lat
Min_Gnt
Interrupt Pin
Interrupt Line
3Ch
DMABBASE
DMAABASE
40h
Reserved
44-57h
Reserved
Reserved
Reserved
MSCCFG
58h
Reserved
Reserved
Reserved
ACLCFG0
5Ch
Reserved
Reserved
VRCFG
60h
Reserved
Reserved
Reserved
TIMRCFG0
64h
Reserved
Reserved
HDCFG
68h
Reserved
6Ch
Reserved
Reserved
DMACFG
70h
Reserved
74-77h
Reserved
Reserved
Reserved
DPLLCTL0
78h
Reserved
Reserved
Reserved
DPLLCTL1
7Ch
Reserved
Reserved
Reserved
DPLLCTL2
80h
Reserved
84-87h
Reserved
Reserved
Reserved
TESTCTL0
88h
Reserved
8C-8Fhh
TBLBASE0
90h
TBLBASE1
94h
TBLBASE2
98h
TBLBASE3
9Ch
Reserved
Reserved
Reserved
IRQCTL0
A0h
Reserved
Reserved
Reserved
IRQCTL1
A4h
Reserved
Reserved
Reserved
IRQCTL2
A8h
Reserved
Reserved
Reserved
IRQCTL3
ACh
Reserved
Reserved
Reserved
IRQCTL4
B0h
Reserved
Reserved
Reserved
IRQCTL5
B4h
Reserved
Reserved
Reserved
IRQCTL6
B8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com