Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7780 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 25Page - NXP Semiconductors SAA7780 Datasheet HTML 26Page - NXP Semiconductors SAA7780 Datasheet HTML 27Page - NXP Semiconductors SAA7780 Datasheet HTML 28Page - NXP Semiconductors SAA7780 Datasheet HTML 29Page - NXP Semiconductors SAA7780 Datasheet HTML 30Page - NXP Semiconductors SAA7780 Datasheet HTML 31Page - NXP Semiconductors SAA7780 Datasheet HTML 32Page - NXP Semiconductors SAA7780 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
29
bursting in a linear incrementing type fashion. The PCI master state machine may also wish to provide a target lockout
signal. This signal prevents the PCI target interface from responding to any master signals.
PC/PCI Legacy Support
The PCI block supports the PC/PCI sideband signals for legacy support of the soundblaster. The PC/PCI can be
enabled by a configuration register bit and one channel selected. The PCI slave block will provide the serial encoded
request signal (PCREQ#) in response to a request from the soundblaster and decode the serial encoded PCGNT# line.
The PCI slave will then claim I/O writes to address 0000h or 0004h with the PCGNT# line asserted as writes to the
SoundBlaster and pass the data to the SoundBlaster.
PCI Target State Machine A
The PCI target state machine controls all SAA7780 target responses on the PCI bus in addition to handling the PS
internal bus.
PCI Target Control Logic
The target control logic handles the address decoding for the ps_NNNcs# signals, bus command decoding for the
ps_XXXrd# and ps_XXXwr# signals, determination of target abort conditions, and data path/pad control logic from the
target interface. Also included in this logic are the controls for the PCI datapath and I/O pads. These controls are sent to
the datapath logic where they are combined with the master controls and then sent to the datapath and pad devices.
The control logic also includes an interface to the PCI configuration headers.
Serial Configuration Port
The Subsystem Vendor ID and Subsystem ID for each of the configuration headers presents a special case. These
three 32 bit registers must be programmed by the Subsystem Vendor. It is impractical to hard wire the Subsystem ID
registers since each Subsystem Vendor will have a unique ID. Therefore an external serial EEROM device is used to
download the proper values into the ID registers after reset and before begin read by the BIOS or other configuration
software. The PCI interface should force a retry if any of the subsystem registers have not completed a loading. The
Serial Configuration Port is a standard two pin I2C interface. The SAA7780 will supply the 400 KHz clock to the external
serial EEPROM on the CFGCLK pin. The serial data stream will arrive on the CFGDAT input pin. Please refer to a
24LC00 128 bit I2C Bus Serial EEPROM data sheet for interface protocols and timings.
Serial Configuration Port Programming
The SAA7780 uses an inexpensive external EEPROM, programmed before installation, to download the Subsystem
Vendor ID and Subsystem ID registers for each function for a total of 96 bits (six 16 bit registers). The recommended
device, a Microchip 24LC01B 1K Bit (128 Byte) Serial EEPROM, can be programmed using a conventional DATA I/O
programmer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com