Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7780 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 21Page - NXP Semiconductors SAA7780 Datasheet HTML 22Page - NXP Semiconductors SAA7780 Datasheet HTML 23Page - NXP Semiconductors SAA7780 Datasheet HTML 24Page - NXP Semiconductors SAA7780 Datasheet HTML 25Page - NXP Semiconductors SAA7780 Datasheet HTML 26Page - NXP Semiconductors SAA7780 Datasheet HTML 27Page - NXP Semiconductors SAA7780 Datasheet HTML 28Page - NXP Semiconductors SAA7780 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
25
Legend:
C
CMOS-compatible input
AGND
Analog ground
DGND
Digital ground pin
I
Input-only pin (can become bidirectional for test mode)
IO
Bidirectional pin
O
Output-only pin (can become bidirectional for test mode)
APWR
Analog power supply pin
DPWR
Digital power supply pin
T
TTL-compatible input
PD
Indicates a high-impedance with approximately 10 K¾ minimum resistance to VSS (internal pull-down
resistor on pin)
PU
Indicates a high-impedance with approximately 10 K¾ minimum resistance to VDD (internal pull-up resis-
tor on pin)
PUB
Inidcates that this pin needs an external pull-up resistor when the chip is installed on a board or tester. A
10K ohm resistor is nominal
S
Indicates a Schmitt-trigger input with hysteresis for noise immunity
TS
Three-state pin
STS
Sustained three-state output / TTL input (if applicable)
OD
Open drain pad
A
Analog based I/O. Use a pad with ESD protection
CP
Core power. Denotes a pad that supplies power for the core of the chip only
CG
Core ground. Denotes a pad that supplies ground to the core only
RP
Ring power. Denotes a pad that supplies power to the pads only
RG
Ring ground. Denotes a pad that supplies ground to the ring only
RPD
Ring power with option to power core level shifter. Denotes a pad that supplies power to the ring while its
core side connector can optionally supply internal level shifters
RCG
Ring/core ground. Denotes a pad that supple a ground connection to the ring and core
HZ
High impedance. When in a three state test mode, this pin will be forced into a high impedance state
NT
Nand tree. When in a NAND tree test mode, this pin will be included in the parametric NAND tree logic
NTO
Nand tree output. When in a NAND tree test mode, this pin is the output of the parametric NAND tree
FSB
Function System Block test. Denotes that his pin is not timing critical and is available for FSB multiplexing
VDD
1,142,28,41,
54,68,80,96,
112,121,135,
142
DPWR
Ring Power
VWELL
117
DPWR
External N-Well Bias
Tie these pins to 5V for proper 5 volt tolerant operation. The 5V
supply must be powered up before the 3V supply. Likewise, the 3V
supply must be powered down before the 5V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com