Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7780 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 30Page - NXP Semiconductors SAA7780 Datasheet HTML 31Page - NXP Semiconductors SAA7780 Datasheet HTML 32Page - NXP Semiconductors SAA7780 Datasheet HTML 33Page - NXP Semiconductors SAA7780 Datasheet HTML 34Page - NXP Semiconductors SAA7780 Datasheet HTML 35Page - NXP Semiconductors SAA7780 Datasheet HTML 36Page - NXP Semiconductors SAA7780 Datasheet HTML 37Page - NXP Semiconductors SAA7780 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
34
Status Register - Status (RO/RW)
Offset 04h
R
R
R
R
R
R
FBACK_
ENB
SERR_R
ESP
POR Value
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
STEP-
PING
PERR_
RESP
SNOOP_
ENB
MEM_
INV_EN
SPEC_
CNTL
MAST_
CNTL
MEM_
CNTL
IO_
CNTL
POR Value
0
0
0
0
0
0
0
0
Bit
Name
R/W
Function
15:10
R
RO
Reserved. These bits always return zero.
9
FBACK_ENB
RO
Fast Back-to-Back Enable: the SAA7780, function 0 does not support fast
back to back master cycles therefore this bit always returns a zero.
8
SERR_RESP
RW
System Error Response: When set to 1, the SAA7780, function 0 responds to
detected PCI bus address parity errors by asserting SERR#. When 0, the
SAA7780 ignores these errors.
7
STEPPING
RO
Address / Data Stepping: Always returns 0.
6
PERR_RESP
RW
Parity Error Response: When set to 1, the SAA7780, function 0 responds to
detected PCI bus data parity errors by asserting PERR#. When 0, the
SAA7780 ignores PCI bus data parity errors.
5
SNOOP_ENB
RO
VGA Snoop Enable. The SAA7780, function 0 does not support VGA snoop
enable, therefore this bit always returns a zero.
4
MEM_INV_EN
RO
Memory Write and Invalidate Enable: Always returns 0.
3
SPEC_CNTL
RO
Special Cycle Control: Controls the devices ability to respond to Special
Cycle Operations. A value of 0 causes the SAA7780, function 0 to ignore all
Special Cycles.
2
MAST_CNTL
RW
Master Control: Controls the devices ability to act as a master on the PCI bus.
A value of 0 disables the ability of the SAA7780, function 0, to act as a
primary PCI master. A value of 1 enables the SAA7780, function 0 to become
a PCI bus master.
1
MEM_CNTL
RO
Memory Response Control: The SAA7780, function 0 does not support target
memory cycles therefore this bit always returns a zero.
0
IO_CNTL
RW
I/O Response Control: Controls the SAA7780, function 0’s response to I/O
space. A value of 0 disables the device response. A value of 1 allows the
device to respond to I/O space accesses.
PCI CFG 0
D15
D14
D13
D12
D11
D10
D9
D8
Offset 06h
R_PERR
S_SERR
SM_
ABORT
RT_
ABORT
ST_
ABORT
DEVSEL_TMG
S_PERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com