Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7780 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 34Page - NXP Semiconductors SAA7780 Datasheet HTML 35Page - NXP Semiconductors SAA7780 Datasheet HTML 36Page - NXP Semiconductors SAA7780 Datasheet HTML 37Page - NXP Semiconductors SAA7780 Datasheet HTML 38Page - NXP Semiconductors SAA7780 Datasheet HTML 39Page - NXP Semiconductors SAA7780 Datasheet HTML 40Page - NXP Semiconductors SAA7780 Datasheet HTML 41Page - NXP Semiconductors SAA7780 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
38
SAA7780 CFG Space 0 Non-Legacy Base Address Registers
The ThunderBird Base Address Register (SONGBASE) is used to I/O map all of the non-legacy I/O devices in the
SAA7780 chip. The SONGBASE register maps the two DMA channels, the AC Link registers, the Host/DSP interface,
the Serial Port interfaces, and the Multimedia Timer. The offset index for each are shown below.
SAA7780 Non-Legacy I/O Device Map
Bit
Name
R/W
Function
7
BIST
RO
BIST capable. BIST is not supported in the SAA7780, function 0 at this
revision. It may be desired to include a BIST test for the DSP at a later time.
6
START
RO
If BIST capable, this bit will start the BIST. Writing a 1 will start the test and
the BIST should write this bit to a zero when complete. Software should fail
the device if the BIST is not complete after 2 seconds.
5:4
R
RO
Reserved. These bits always return zero.
3:0
CODE
RO
Completion Code. A value of zero means the device has passed its test.
Non-zero values means the device has failed using device specific failure
codes.
Device Name
Byte 3
Byte 2
Byte 1
Byte 0
Offset
Multimedia Timer
TMCOUNT2
TMCOUNT1
TMCOUNT0
TMSTAT
00h
Reserved
Reserved
Reserved
Reserved
04h
Reserved
Reserved
Reserved
Reserved
08h
Reserved
Reserved
Reserved
Reserved
0Ch
Serial Ports
Reserved
Reserved
10h
Reserved
Reserved
14h
Reserved
Reserved
18h
Reserved
Reserved
1Ch
Host/DSP Interface
HDPCTL
HDDATA
20h
HDDLA
HDPSTT
24h
Reserved
HDDLD
28h
Reserved
Reserved
2Ch
AC Link Interface
ACDATA
ACADDR
30h
ACSTAT
ACCTRL
34h
ACPCML
38h
ACPCMR
3Ch
Serial IRQ
Reserved
Reserved
Reserved
IRQCTL
40h
Thunderbird Reserved
Reserved
44-7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com