| Electronic Components Datasheet Search |
|
SAA7780 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SAA7780 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 70 page ![]() ThunderBird Q3D PCI Audio SAA7780 Accelerator Philips Semiconductors Product Specification 1999 Sep 30 7 FUNCTIONAL OVERVIEW True Hardware Acceleration The ThunderBird PCITM products are true hardware accelerators. Positional 3D, music synthesis and SoundBlasterTM functions are performed on the ActiMediaTM DSP which frees the host CPU to perform other tasks, boosting graphic frame rates and raising system benchmark performance. High Concurrency Today's multimedia applications demand concurrent, independent audio processing of many diverse audio streams. Mainstream applications may require 32 or more wavetable synthesis voices and 24 or more sound effects positioned in 3D space concurrently with other audio stream processing. The ThunderBird Q3DTM can simultaneously process 64 combined audio and wavetable voice streams in H/W plus an additional 64 audio streams using QSound's efficient MMX host engine for a total of 128 audio and wavetable streams. For greater concurrency and higher music polyphony a professional quality 256 voice soft-synth is available. This can be used for all music synthesis reserving all 128 streams for other audio sources bringing the total concurrency to 384 streams. Immersive 3D Audio The ThunderBird Q3DTM is armed with the most advanced arsenal of 3D technology available. The listener is immersed in a realistic 3 dimensional soundscape. QSound’s technology renders 3D applications using stereo speakers, headphones or quad speakers; and transforms ordinary stereo applications from games to CD players into 3D and quad applications. QInteractive3DTM (QI3DTM ) utilizes the ActiMedia DSP to interactively position DirectSound streams in 3D space around the listener. Three different 3D engines based on HRTF and patented QSound Technology are used to render over 2 speakers, headphones or quad speakers. Since the unique 2 speaker engine requires no signal cross cancellation, QI3D provides a more robust 3D imaging than ordinary HRTF processing with minimal sensitivity to speaker placement, speaker quality and listener location. QI3D utilizes the industry standard DirectSound3D API and is compatible with DirectSound3D and A3DTM applications. QSound Environmental ModelingTM (QEMTM) adds further realism by using reverb as an additional positional que. With QEM enabled each DirectSound3D sound source receives reverb simulating acoustic reflections based on the regions reverb preset and the sources current position relative to the listener. Reverb presets can also me manually enabled by the listener for DirectSound3D applications that do not support EAX. QEM is EAXTM 1.0 compatible. QSound Multi-Speaker SystemTM(QMSSTM) utilizes a proprietary stereo-to-quad remapping algorithm to transform ordinary stereo applications into more immersive quad applications. Unlike some other implementations that simply mirror the front speaker content in the rear speakers QMSS creates 4 individual channels. For musical applications different instruments or sounds will seem to emanate from one or more speakers. For 1st person gaming applications and movie playback, QMSS will estimate approximate placement of each sound based on the stereo mix and adjust it's amplitude and timing in each speaker accordingly. QMSS can be used to dramatically enhance numerous stereo applications. DirectSound games become more realistic with action all around the listener. Music CD, MP3, and MIDI playback become more immersive. Stereo and Dolby ProLogicTM film clips become the theatre-like in presentation without a decoder required. QMSS can also be used to enhance Dolby Digital DVD playback using only the stereo or Dolby ProLogic audio tracks. Many viewers prefer this alternative to standard Dolby digital playback because of the additional audio content in the rear speakers. QI3D can also be used for more traditional quad playback of Dolby Digital DVD's when combined with a soft-DVD player using the DirectSound3D API. QXpander enhances 2 speaker playback by broadening the sound field and mapping stereo positions to 3D positions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |